Electronic Components Datasheet Search
  English  ▼

X  

AD9637 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9637
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9637 Datasheet HTML 8Page - Analog Devices AD9637 Datasheet HTML 9Page - Analog Devices AD9637 Datasheet HTML 10Page - Analog Devices AD9637 Datasheet HTML 11Page - Analog Devices AD9637 Datasheet HTML 12Page - Analog Devices AD9637 Datasheet HTML 13Page - Analog Devices AD9637 Datasheet HTML 14Page - Analog Devices AD9637 Datasheet HTML 15Page - Analog Devices AD9637 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Data Sheet
AD9637
Rev. A | Page 11 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
AD9637-80
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
4
8
12
16
20
24
28
32
36
FREQUENCY (MHz)
80MSPS
9.7MHz AT –1dBFS
SNR = 70.8dB (71.8dBFS)
SFDR = 92.7dBc
Figure 6. Single-Tone 16k FFT with fIN = 9.7 MHz, fSAMPLE = 80 MSPS
4
8
12
16
20
24
28
32
36
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
FREQUENCY (MHz)
80MSPS
63.5MHz AT –1dBFS
SNR = 70.5dB (71.5dBFS)
SFDR = 93.2dBc
Figure 7. Single-Tone 16k FFT with fIN = 63.5 MHz, fSAMPLE = 80 MSPS, CLK
Divider = 8
4
8
12
16
20
24
28
32
36
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
FREQUENCY (MHz)
F2 – F1
2F1 – F2
2F2 – F1
+
2F1 + F2
F1 + F2
2F2 + F1
Figure 8. Two-Tone 16k FFT with fIN1 = 30 MHz and fIN2 = 32 MHz,
fSAMPLE = 80 MSPS
4
8
12
16
20
24
28
32
36
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
FREQUENCY (MHz)
80MSPS
19.7MHz AT –1dBFS
SNR = 70.7dB (71.7dBFS)
SFDR = 90.1dBc
Figure 9. Single-Tone 16k FFT with fIN = 19.7 MHz, fSAMPLE = 80 MSPS, CLK
Divider = 8
4
8
12
16
20
24
28
32
36
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
FREQUENCY (MHz)
80MSPS
30.5MHz AT –1dBFS
SNR = 70.7dB (71.7dBFS)
SFDR = 90.7dBc
Figure 10. Single-Tone 16k FFT with fIN = 30.5 MHz, fSAMPLE = 80 MSPS, CLK
Divider = 8
4
8
12
16
20
24
28
32
36
0
–15
–30
–45
–75
–60
–105
–90
–120
–135
FREQUENCY (MHz)
80MSPS
123.5MHz AT –1dBFS
SNR = 69.6dB (70.6dBFS)
SFDR = 90.3dBc
Figure 11. Single-Tone 16k FFT with fIN = 123.5 MHz, fSAMPLE = 80 MSPS, CLK
Divider = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com