Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9233 Datasheet HTML 36Page - Analog Devices AD9233 Datasheet HTML 37Page - Analog Devices AD9233 Datasheet HTML 38Page - Analog Devices AD9233 Datasheet HTML 39Page - Analog Devices AD9233 Datasheet HTML 40Page - Analog Devices AD9233 Datasheet HTML 41Page - Analog Devices AD9233 Datasheet HTML 42Page - Analog Devices AD9233 Datasheet HTML 43Page - Analog Devices AD9233 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
AD9233
Rev. A | Page 39 of 44
BILL OF MATERIALS (BOM)
Table 16. Evaluation Board BOM
Item
Qty.
Omit
(DNI)
Reference Designator
Device
Package
Description
Supplier/Part No.
1
1
AD9246CE_REVA
PCB
PCB
Analog Devices, Inc.
2
24
C1, C2, C509, C510, C511, C512,
C514, C515, C516, C517, C528, C530,
C532, C533, C538, C539, C540, C542,
C543, C544, C545, C546, C554, C555
Capacitors
0402
0.1 μF
12
C3, C500, C502, C503, C504, C505,
C531, C534, C535, C536, C537, C557
3
1
C501
Capacitor
0402
0.3 pF
4
2
C4, C5
Resistors
0402
0 Ω
5
10
C513, C518, C519, C520, C521,
C522, C523, C524, C525, C526
Capacitors
0402
1.0 μF
6
1
C527
Capacitor
1206
10 μF
7
1
C529
Capacitor
0402
20 pF
8
5
C548, C549, C550, C551, C552
Capacitors
ACASE
10 μF
9
1
C553
Capacitor
0805
1.0 μF
10
15
C556, C558, C559, C564, C565,
C566, C567, C568, C569, C570,
C572, C573, C574, C575, C599
Capacitors
0603
0.1 μF
11
1
CR500
LED
0603
Green
Panasonic
LNJ314G8TRA
12
1
D502
Diode
SOT-23
30 V, 20 mA,
dual Schottky
HSMS2812
2
D500, D501
Diodes
13
1
D503
Diode
DO-214AB
3 A, 30 V, SMC
Micro Commercial Group
SK33-TPMSCT-ND
14
1
D504
Diode
DO-214AA
2 A, 50 V, SMC
Micro Commercial Group
S2A-TPMSTR-ND
15
1
D505
LED
LN1461C
AMB
Amber LED
16
1
F500
Fuse
1210
6.0 V, 2.2 A trip
current resettable
fuse
Tyco, Raychem
NANO SMDC110F-2
17
1
FER500
Choke
2020
Murata
DLW5BSN191SQ2
18
1
J500
Jumper
Solder jumper
19
3
J501, J502, J505
Jumpers
Solder jumper
20
1
J503
Connector
120 Pin
Male header
Samtec
TSW-140-08-G-T-RA
21
1
J504
Connector
10 Pin
Male, 2 × 5
Samtec
22
3
JP1, JP2, JP3
Jumpers
3 Pin
Male, straight
Samtec
TSW-103-07-G-S
23
4
JP500, JP501, JP502, JP506
Jumpers
2 Pin
Male, straight
Samtec
TSW-102-07-G-S
24
1
JP507
Jumpers
3 Pin
Male, straight
Samtec
TSW-103-07-G-S
2
JP508, JP509
25
10
L500, L501, L502, L503, L504,
L505, L506, L507, L508, L509
Ferrite Beads
3.2 mm ×
2.5 mm ×
1.6 mm
Digi-Key P9811CT-ND
26
1
OSC500
Oscillator
SMT
125 MHz or
105 MHz
CTS Reeves CB3LV-3C
27
1
P500
Connector
PJ-102A
DC power jack
Digi-Key CP-102A-ND
28
1
P501
Connector
10 Pin
Male, straight
PTMICRO10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com