Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9233 Datasheet HTML 2Page - Analog Devices AD9233 Datasheet HTML 3Page - Analog Devices AD9233 Datasheet HTML 4Page - Analog Devices AD9233 Datasheet HTML 5Page - Analog Devices AD9233 Datasheet HTML 6Page - Analog Devices AD9233 Datasheet HTML 7Page - Analog Devices AD9233 Datasheet HTML 8Page - Analog Devices AD9233 Datasheet HTML 9Page - Analog Devices AD9233 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AD9233
Rev. A | Page 5 of 44
AC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS enabled, unless otherwise noted.
Table 2.
AD9233BCPZ-80
AD9233BCPZ-105
AD9233BCPZ-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 2.4 MHz
25°C
69.5
69.5
69.5
dBc
fIN = 70 MHz
25°C
69.5
69.5
69.5
dBc
Full
68.9
68.3
68.3
dBc
fIN = 100 MHz
25°C
69.4
69.4
69.4
dBc
fIN = 170 MHz
25°C
68.9
68.9
68.9
dBc
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 2.4 MHz
25°C
69.2
69.2
69.2
dBc
fIN = 70 MHz
25°C
69.2
69.2
69.2
dBc
Full
68.5
67.3
67.3
dBc
fIN = 100 MHz
25°C
69.1
69.1
69.1
dBc
fIN = 170 MHz
25°C
68.6
68.6
68.6
dBc
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
25°C
11.4
11.4
11.4
Bits
fIN = 70 MHz
25°C
11.4
11.4
11.4
Bits
fIN = 100 MHz
25°C
11.4
11.4
11.4
Bits
fIN = 170 MHz
25°C
11.3
11.3
11.3
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 2.4 MHz
25°C
−90.0
−90.0
−90.0
dBc
fIN = 70 MHz
25°C
−85.0
−85.0
−85.0
dBc
Full
−76.0
−73.0
−73.0
dBc
fIN = 100 MHz
25°C
−85.0
−85.0
−85.0
dBc
fIN = 170 MHz
25°C
−83.5
−83.5
−83.5
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
25°C
90.0
90.0
90.0
dBc
fIN = 70 MHz
25°C
85.0
85.0
85.0
dBc
Full
76.0
73.0
73.0
dBc
fIN = 100 MHz
25°C
85.0
85.0
85.0
dBc
fIN = 170 MHz
25°C
83.5
83.5
83.5
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 2.4 MHz
25°C
−90.0
−90.0
−90.0
dBc
fIN = 70 MHz
25°C
−90.0
−90.0
−90.0
dBc
Full
−85.0
−81.0
−81.0
dBc
fIN = 100 MHz
25°C
−90.0
−90.0
−90.0
dBc
fIN = 170 MHz
25°C
−90.0
−90.0
−90.0
dBc
TWO-TONE SFDR
fIN = 30 MHz (−7 dBFS), 31 MHz (−7 dBFS)
25°C
87
87
85
dBFS
fIN = 170 MHz (−7 dBFS), 171 MHz (−7 dBFS)
25°C
83
83
84
dBFS
ANALOG INPUT BANDWIDTH
25°C
650
650
650
MHz
1 See AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com