Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9233 Datasheet HTML 10Page - Analog Devices AD9233 Datasheet HTML 11Page - Analog Devices AD9233 Datasheet HTML 12Page - Analog Devices AD9233 Datasheet HTML 13Page - Analog Devices AD9233 Datasheet HTML 14Page - Analog Devices AD9233 Datasheet HTML 15Page - Analog Devices AD9233 Datasheet HTML 16Page - Analog Devices AD9233 Datasheet HTML 17Page - Analog Devices AD9233 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
AD9233
Rev. A | Page 13 of 44
0
–20
–40
–60
–80
–100
–120
–140
0
15.625
31.250
46.875
62.500
FREQUENCY (MHz)
125MSPS
29.1MHz @ –7dBFS
32.1MHz @ –7dBFS
SFDR = 85dBc (92dBFS)
Figure 24. AD9233-125 Two-Tone FFT with FIN1 = 29.1 MHz, FIN2 = 32.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
15.625
31.250
46.875
62.500
FREQUENCY (MHz)
125MSPS
169.1MHz @ –7dBFS
172.1MHz @ –7dBFS
SFDR = 84dBc (91dBFS)
Figure 25. AD9233-125 Two-Tone FFT with FIN1 = 169.1 MHz, FIN2 = 172.1 MHz
0
–20
–40
–80
–100
–60
–120
0
15.36
30.72
46.08
61.44
FREQUENCY (MHz)
Figure 26. AD9233-125 Two 64k WCDMA Carriers
with FIN = 215.04 MHz, FS = 122.88 MSPS
0
–20
–40
–60
–80
–100
–120
–90
–6
–78
–66
–54
–42
–30
–18
ANALOG INPUT LEVEL (dBFS)
SFDR (dBFS)
IMD3 (dBFS)
IMD3 (dBc)
SFDR (dBc)
Figure 27. AD9233 Two-Tone SFDR/IMD vs.
Input Amplitude (AIN) with FIN1 = 29.1 MHz, FIN2 = 32.1 MHz
0
–20
–40
–60
–80
–100
–120
–90
–78
–66
–54
–42
–30
–18
–6
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBFS)
IMD3 (dBFS)
Figure 28. AD9233 Two-Tone SFDR/IMD vs.
Input Amplitude (AIN) with FIN1 = 169.1 MHz, FIN2 = 172.1 MHz
NPR = 61.9dBc
NOTCH @ 18.5MHz
NOTCH WIDTH = 3MHz
0
–20
–40
–60
–80
–100
–120
0
15.625
31.250
46.875
62.500
FREQUENCY (MHz)
Figure 29. AD9233-125 Noise Power Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com