Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9233 Datasheet HTML 27Page - Analog Devices AD9233 Datasheet HTML 28Page - Analog Devices AD9233 Datasheet HTML 29Page - Analog Devices AD9233 Datasheet HTML 30Page - Analog Devices AD9233 Datasheet HTML 31Page - Analog Devices AD9233 Datasheet HTML 32Page - Analog Devices AD9233 Datasheet HTML 33Page - Analog Devices AD9233 Datasheet HTML 34Page - Analog Devices AD9233 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
AD9233
Rev. A | Page 30 of 44
ALTERNATIVE ANALOG INPUT DRIVE
CONFIGURATION
This section provides a brief description of the alternative
analog input drive configuration using the AD8352 . When
using this particular drive option, some components need to be
populated as listed in Table 16. For more details on the AD8352
differential driver, including how it works and its optional pin
settings, consult the AD8352 data sheet.
To configure the analog input to drive the AD8352 instead of
the default transformer option, the following components need
to be added, removed and/or changed:
•
Remove C1 and C2 in the default analog input path.
•
Populate R3 and R4 with 200 Ω resistors in the analog
input path.
•
Populate the optional amplifier input path with all
components, except R594, R595, and C502. Note that to
terminate the input path, only one of these components,
(R9, R592, or R590 and R591) should be populated.
•
Populate C529 with a 5 pF capacitor in the analog
input path.
Currently, R561 and R562 are populated with 0 Ω resistors to
allow signal connection. This area allows the user to design a
filter if additional requirements are necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com