Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9233 Datasheet HTML 21Page - Analog Devices AD9233 Datasheet HTML 22Page - Analog Devices AD9233 Datasheet HTML 23Page - Analog Devices AD9233 Datasheet HTML 24Page - Analog Devices AD9233 Datasheet HTML 25Page - Analog Devices AD9233 Datasheet HTML 26Page - Analog Devices AD9233 Datasheet HTML 27Page - Analog Devices AD9233 Datasheet HTML 28Page - Analog Devices AD9233 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
AD9233
Rev. A | Page 24 of 44
MEMORY MAP
READING THE MEMORY MAP TABLE
Each row in the memory map table has eight address locations.
The memory map is roughly divided into three sections: chip
configuration registers map (Address 0x00 to Address 0x02),
device index and transfer registers map (Address 0xFF), and
ADC functions map (Address 0x08 to Address 0x18).
The memory map register in Table 15 displays the register
address number in hexadecimal in the first column. The last
column displays the default value for each hexadecimal address.
The Bit 7 (MSB) column is the start of the default hexadecimal
value given. For example, Hexadecimal Address 0x14,
output_phase has a hexadecimal default value of 0x00. This
means Bit 3 = 0, Bit 2 = 0, Bit 1 = 1, and Bit 0 = 1 or 0011 in
binary. This setting is the default output clock or DCO phase
adjust option. The default value adjusts the DCO phase 90°
relative to the nominal DCO edge and 180° relative to the data
edge. For more information on this function, consult the
Interfacing to High Speed ADCs via SPI User Manual.
Open Locations
Locations marked as open are currently not supported for this
device. When required, these locations should be written with
0s. Writing to these locations is required only when part of an
address location is open (for example, Address 0x14). If the
entire address location is open (Address 0x13), then the address
location does not need to be written.
Default Values
Coming out of reset, critical registers are loaded with default
values. The default values for the registers are provided in Table 15.
Logic Levels
An explanation of two registers follows:
•
Bit is set is synonymous with bit is set to Logic 1 or writing
Logic 1 for the bit.
•
Clear a bit is synonymous with bit is set to Logic 0 or
writing Logic 0 for the bit.
SPI-Accessible Features
A list of features accessible via the SPI and a brief description of
what the user can do with these features follows. These features
are described in detail in the Interfacing to High Speed ADCs via
SPI User Manual.
•
Modes:
Set either power-down or standby mode.
•
Clock:
Access the DCS via the SPI.
•
Offset:
Digitally adjust the converter offset.
•
Test I/O:
Set test modes to have known data on output bits.
•
Output Mode:
Setup outputs, vary the strength of the
output drivers.
•
Output Phase:
Set the output clock polarity.
•
VREF:
Set the reference voltage.
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tS
tDH
tHI
tCLK
tLO
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
Figure 57. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com