Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9233 Datasheet HTML 11Page - Analog Devices AD9233 Datasheet HTML 12Page - Analog Devices AD9233 Datasheet HTML 13Page - Analog Devices AD9233 Datasheet HTML 14Page - Analog Devices AD9233 Datasheet HTML 15Page - Analog Devices AD9233 Datasheet HTML 16Page - Analog Devices AD9233 Datasheet HTML 17Page - Analog Devices AD9233 Datasheet HTML 18Page - Analog Devices AD9233 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
AD9233
Rev. A | Page 14 of 44
100
95
90
85
80
75
70
65
5
2545
6585
105
1
CLOCK FREQUENCY (MSPS)
25
SNR
SFDR
Figure 30. AD9233 Single-Tone SNR/SFDR vs.
Clock Frequency (FS) with FIN = 2.4 MHz
100
90
80
70
60
50
40
20
40
60
80
DUTY CYCLE (%)
SFDR DCS = ON
SNR DCS = ON
SNR DCS = OFF
SFDR DCS = OFF
Figure 31. AD9233 SNR/SFDR vs. Duty Cycle with FIN = 10.3 MHz
90
85
80
75
70
65
0.5
0.7
0.9
1.1
1.3
INPUT COMMON-MODE VOLTAGE (V)
SFDR
SNR
Figure 32. AD9233 SNR/SFDR vs.
Input Common Mode (VCM) with FIN = 30 MHz
10
8
6
4
2
0
N–1
N
N+1
OUTPUT CODE
0.34 LSB rms
Figure 33. AD9233 Grounded Input Histogram
0.35
0.25
0.15
–0.05
0.05
–0.15
–0.25
–0.35
0
1024
2048
3072
4096
OUTPUT CODE
Figure 34. AD9233 INL with FIN = 10.3 MHz
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
0
1024
2048
3072
4096
OUTPUT CODE
Figure 35. AD9233 DNL with FIN = 10.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com