Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9233 Datasheet HTML 37Page - Analog Devices AD9233 Datasheet HTML 38Page - Analog Devices AD9233 Datasheet HTML 39Page - Analog Devices AD9233 Datasheet HTML 40Page - Analog Devices AD9233 Datasheet HTML 41Page - Analog Devices AD9233 Datasheet HTML 42Page - Analog Devices AD9233 Datasheet HTML 43Page - Analog Devices AD9233 Datasheet HTML 44Page - Analog Devices AD9233 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
AD9233
Rev. A | Page 40 of 44
Item
Qty.
Omit
(DNI)
Reference Designator
Device
Package
Description
Supplier/Part No.
29
6
R1, R6, R563, R565, R574, R577
Resistors
0402
DNI
30
5
R2, R5, R561, R562, R571
Resistors
0402
0 Ω
6
R10, R11, R12, R535, R536, R575
Resistors
31
2
R3, R4
Resistors
0402
25 Ω
32
6
R7, R8, R9, R502, R510, R511
Resistors
0603
DNI
33
6
R500, R501, R576, R578, R579, R581
Resistors
0402
DNI
34
4
R503, R548, R549, R550
Resistors
0603
10 kΩ
35
1
R504
Resistor
0603
49.9 Ω
1
R505
Resistor
36
9
R506, R508, R509, R512, R554,
R555, R556, R557, R560
Resistors
0603
0 Ω
23
R507, R514, R513, R515, R516, R517,
R518, R519, R520, R521, R522, R523,
R524, R525, R526, R527, R528, R529,
R530, R531, R532, R533, R534
37
4
R545, R546, R547, R558
Resistors
0603
4.7 kΩ
38
3
R551, R552, R553
Resistors
0603
1 kΩ
39
1
R589
Resistors
0603
261 Ω
1
R559
40
2
R566, R567
Resistors
0402
33 Ω
41
3
R582, R585, R598
Resistors
0402
100 Ω
42
2
R583, R584
Resistors
0402
240 Ω
43
1
R586
Resistor
0402
4.12 kΩ
44
3
R580, R587, R588
Resistors
0402
10 kΩ
45
2
R590, R591
Resistors
0402
25 Ω
46
1
R592
Resistor
0402
DNI
47
2
R593, R596
Resistors
0402
0 Ω
48
2
R594, R595
Resistors
0402
10 kΩ
49
1
R597
Resistor
0402
4.3 kΩ
50
1
RP500
Resistor
RCA74204
22 Ω
51
2
RP501, RP502
Resistors
RCA74208
22 Ω
52
1
S1
Switch
Momentary
(normally open)
Panasonic
EVQ-PLDA15
53
2
S500, S501
Connectors
SMAEDGE
SMA edge
right angle
2
S502, S503
54
2
S504, S505
Connectors
SMA200UP
SMA RF
5-pin upright
55
2
T500, T501
Transformers
SM-22
M/A-Com ETC1-1-13
1
T1
56
1
T503
Transformer
CD542
Mini-Circuits
ADT1-1WT
1
T502
57
1
U500
IC
32-Lead
LFCSP
Clock distribution
Analog Devices, Inc.
AD9515BCPZ
58
1
U501
IC
SOT-223
Voltage regulator
Analog Devices, Inc.
ADP3339AKCZ-5
59
1
U502
IC
SOT-223
Voltage regulator
Analog Devices, Inc.
ADP3339AKCZ-1.8
60
1
U503
IC
SOT-223
Voltage regulator
Analog Devices, Inc.
ADP3339AKCZ-2.5
61
2
U504, U505
ICs
SOT-223
Voltage regulator
Analog Devices, Inc.
ADP3339AKCZ-3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com