Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9233 Datasheet HTML 22Page - Analog Devices AD9233 Datasheet HTML 23Page - Analog Devices AD9233 Datasheet HTML 24Page - Analog Devices AD9233 Datasheet HTML 25Page - Analog Devices AD9233 Datasheet HTML 26Page - Analog Devices AD9233 Datasheet HTML 27Page - Analog Devices AD9233 Datasheet HTML 28Page - Analog Devices AD9233 Datasheet HTML 29Page - Analog Devices AD9233 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
AD9233
Rev. A | Page 25 of 44
Table 15. Memory Map Register
Addr
(Hex)
Parameter
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
Chip Configuration Registers
00
chip_port_config
0
LSB
First
0 = Off
(Default)
1 = On
Soft
Reset
0 = Off
(Default)
1 = On
1
1
Soft
Reset
0 = Off
(Default)
1 = On
LSB
First
0 = Off
(Default)
1 = On
0
0x18
The nibbles
should be
mirrored. See
Interfacing to
High Speed
ADCs via SPI
User Manual.
01
chip_id
8-Bit Chip ID Bits 7:0
(AD9233 = 0x00), (Default)
Read-
Only
Default is
unique chip ID,
different for
each device.
02
chip_grade
Open
Open
Open
Open
Child ID
0 =
125
MSPS,
1 =
105
MSPS
Open
Open
Open
Read-
Only
Child ID used
to differentiate
speed grades.
Device Index and Transfer Registers
FF
device_update
Open
Open
Open
Open
Open
Open
Open
SW Transfer
0x00
Synchronously
transfers data
from the
master
shift register to
the slave.
Global ADC Functions
08
modes
Open
Open
PDWN
0—Full
1—
Standby
Open
Open
Internal Power-Down Mode
000—Normal (Power-Up)
001—Full Power-Down
010—Standby
011—Normal (Power-Up)
Note: External PDWN pin
overrides this setting.
0x00
Determines
various generic
modes of chip
operation. See
Power
Dissipation
and Standby
Mode and
SPI-Accessible
Features
sections.
09
clock
Open
Open
Open
Open
Open
Open
Open
Duty Cycle
Stabilizer
0—
Disabled
1—Enabled
0x01
See Clock Duty
Cycle and
SPI-Accessible
Features
sections.
Flexible ADC Functions
10
offset
Digital Offset Adjust <5:0>
011111
011110
011101
…
000010
000001
000000
111111
111110
111101
...
100001
100000
Offset in LSBs
+7 3/4
+7 1/2
+7 1/4
+1/2
+1/4
0
−1/4
−1/2
−3/4
−7 3/4
−8
0x00
Adjustable for
offset inherent
in the
converter.
See SPI-
Accessible
Features
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com