Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9233 Datasheet HTML 37Page - Analog Devices AD9233 Datasheet HTML 38Page - Analog Devices AD9233 Datasheet HTML 39Page - Analog Devices AD9233 Datasheet HTML 40Page - Analog Devices AD9233 Datasheet HTML 41Page - Analog Devices AD9233 Datasheet HTML 42Page - Analog Devices AD9233 Datasheet HTML 43Page - Analog Devices AD9233 Datasheet HTML 44Page - Analog Devices AD9233 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
AD9233
Rev. A | Page 42 of 44
OUTLINE DIMENSIONS
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
48
12
13
37
36
24
25
4.25
4.10 SQ
3.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12° MAX
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
5.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SEATING
PLANE
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
Figure 71. 48-Lead Frame Chip Scale Package [LFCSP_VQ]
7 mm × 7 mm Body, Very Thin Quad
(CP-48-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option1
AD9233BCPZ-1252
–40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFSCP_VQ]
CP-48-3
AD9233BCPZRL7–1252
–40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFSCP_VQ]
CP-48-3
AD9233BCPZ-1052
–40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFSCP_VQ]
CP-48-3
AD9233BCPZRL7–1052
–40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFSCP_VQ]
CP-48-3
AD9233BCPZ-802
–40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFSCP_VQ]
CP-48-3
AD9233BCPZRL7–802
–40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFSCP_VQ]
CP-48-3
AD9233-125EB
Evaluation Board
AD9233-105EB
Evaluation Board
AD9233-80EB
Evaluation Board
1 It is required that the exposed paddle be soldered to the AGND plane to achieve the best electrical and thermal performance .
2 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com