Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9233
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9233 Datasheet HTML 23Page - Analog Devices AD9233 Datasheet HTML 24Page - Analog Devices AD9233 Datasheet HTML 25Page - Analog Devices AD9233 Datasheet HTML 26Page - Analog Devices AD9233 Datasheet HTML 27Page - Analog Devices AD9233 Datasheet HTML 28Page - Analog Devices AD9233 Datasheet HTML 29Page - Analog Devices AD9233 Datasheet HTML 30Page - Analog Devices AD9233 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
AD9233
Rev. A | Page 26 of 44
Addr
(Hex)
Parameter
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0D
test_io
PN23
0 =
Normal
1 =
Reset
PN9
0 =
Normal
1 =
Reset
Global Output Test Options
000—Off
001—Midscale Short
010— +FS Short
011— −FS Short
100—Checker Board Output
101—PN 23 Sequence
110—PN 9
111—One/Zero Word Toggle
0x00
See the
Interfacing to
High Speed
ADCs via SPI
User Manual.
14
output_mode
Output Driver
Configuration
00 for DRVDD = 3.3 V
10 for DRVDD = 1.8 V
Open
Output
Disable
1—
Disabled
0—
Enabled1
Open
Output
Data
Invert
1 =
Invert
Data Format Select
00—Offset Binary
(Default)
01—Twos
Complement
10—Gray Code
0x00
Configures the
outputs and
the format of
the data and
the output
driver
strength.
16
output_phase
DCO
Polarity
1 = Inverted
0 = Normal
Open
Open
Open
Open
Open
Open
Open
0x00
See SPI-
Accessible
Features
section.
18
VREF
Internal Reference
Resistor Divider
00—VREF = 1.25 V
01—VREF = 1.5 V
10—VREF = 1.75 V
11—VREF = 2.00 V
Open
Open
Open
Open
Open
Open
0xC0
See SPI-
Accessible
Features
section.
1 External Output Enable (OEB) pin must be high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com