Electronic Components Datasheet Search
  English  ▼

X  

MSP3401G Datasheet(PDF) 32 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 32 Page - Micronas

Back Button MSP3401G Datasheet HTML 28Page - Micronas MSP3401G Datasheet HTML 29Page - Micronas MSP3401G Datasheet HTML 30Page - Micronas MSP3401G Datasheet HTML 31Page - Micronas MSP3401G Datasheet HTML 32Page - Micronas MSP3401G Datasheet HTML 33Page - Micronas MSP3401G Datasheet HTML 34Page - Micronas MSP3401G Datasheet HTML 35Page - Micronas MSP3401G Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
32
Micronas
LOUDSPEAKER AND HEADPHONE PROCESSING
00 00hex
00 06hex
Volume Loudspeaker
Volume Headphone
bit[15:8]
volume table with 1 dB step size
7Fhex
+12 dB (maximum volume)
7Ehex
+11 dB
...
74hex
+1dB
73hex
0dB
72hex
−1dB
...
02hex
−113 dB
01hex
−114 dB
00hex
Mute (reset condition)
FFhex
Fast Mute (needs about 75 ms until the signal is com-
pletely ramped down)
bit[7:5]
higher resolution volume table
0
+0dB
1
+0.125 dB increase in addition to the volume table
...
7
+0.875 dB increase in addition to the volume table
bit[4]
0
must be set to 0
bit[3:0]
clipping mode
0
reduce volume
1
reduce tone control
2
compromise
3dynamic
With large scale input signals, positive volume settings may lead to signal clipping.
The MSP 34x1G loudspeaker and headphone volume function is divided into a
digital and an analog section. With Fast Mute, volume is reduced to mute posi-
tion by digital volume only. Analog volume is not changed. This reduces any
audible DC plops. To turn volume on again, the volume step that has been used
before Fast Mute was activated must be transmitted.
If the clipping mode is set to “reduce volume”, the following rule is used: To pre-
vent severe clipping effects with bass, treble, or equalizer boosts, the internal
volume is automatically limited to a level where, in combination with either bass,
treble, or equalizer setting, the amplification does not exceed 12 dB.
If the clipping mode is “reduce tone control”, the bass or treble value is
reduced if amplification exceeds 12 dB. If the equalizer is switched on, the gain
of those bands is reduced, where amplification together with volume exceeds
12 dB.
If the clipping mode is “compromise”, the bass or treble value and volume are
reduced half and half if amplification exceeds 12 dB. If the equalizer is switched
on, the gain of those bands is reduced half and half, where amplification
together with volume exceeds 12 dB.
If the clipping mode is “dynamic”, volume is reduced automatically if the signal
amplitudes would exceed
−2 dBFS within the IC. For operation of MDB, dyna-
mic mode must be switched on.
VOL_MAIN
VOL_AUX
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com