Electronic Components Datasheet Search
  English  ▼

X  

MSP3401G Datasheet(PDF) 12 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 12 Page - Micronas

Back Button MSP3401G Datasheet HTML 8Page - Micronas MSP3401G Datasheet HTML 9Page - Micronas MSP3401G Datasheet HTML 10Page - Micronas MSP3401G Datasheet HTML 11Page - Micronas MSP3401G Datasheet HTML 12Page - Micronas MSP3401G Datasheet HTML 13Page - Micronas MSP3401G Datasheet HTML 14Page - Micronas MSP3401G Datasheet HTML 15Page - Micronas MSP3401G Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
12
Micronas
Table 2–1: Performed actions of the Automatic Sound Selection
Selected TV Sound Standard
Performed Actions
B/G-FM, D/K-FM, M-Korea,
and M-Japan
Evaluation of the identification signal and automatic switching to mono, stereo, or bilingual. Preparing four
demodulator source channels according to Table 2–2.
B/G-NICAM, L-NICAM, I-NICAM,
and D/K-NICAM
Evaluation of NICAM-C-bits and automatic switching to mono, stereo, or bilingual. Preparing four
demodulator source channels according to Table 2–2.
In case of bad or no NICAM reception, the MSP switches automatically to FM/AM mono and switches
back to NICAM if possible. A hysteresis prevents periodical switching.
B/G-FM, B/G-NICAM
or
D/K1-FM, D/K2-FM, D/K3-FM,
and D/K-NICAM
Automatic searching for stereo/bilingual-identification in case of mono transmission. Automatic and non-
audible changes between Dual-FM and FM-NICAM standards while listening to the basic FM-Mono sound
carrier.
Example: If starting with B/G-FM-Stereo, there will be a periodical alternation to B/G-NICAM in the
absence of FM-Stereo/Bilingual or NICAM-identification. Once an identification is detected, the MSP
keeps the corresponding standard.
BTSC-STEREO, FM Radio
Evaluation of the pilot signal and automatic switching to mono or stereo. Preparing four demodulator
source channels according to Table 2–2. Detection of the SAP carrier.
BTSC-SAP
In the absence of SAP, the MSP switches to BTSC-Stereo if available. If SAP is detected, the MSP
switches automatically to SAP (see Table 2–2).
Table 2–2: Sound modes for the demodulator source channels with Automatic Sound Select
Source Channels in Automatic Sound Select Mode
Broadcasted
Sound
Standard
Selected
MSP Standard
Code3)
Broadcasted
Sound Mode
FM/AM
(source select: 0)
Stereo or A/B
(source select: 1)
Stereo or A
(source select: 3)
Stereo or B
(source select: 4)
M-Korea
B/G-FM
D/K-FM
M-Japan
02
03, 081)
04, 05, 07, 0B1)
30
MONO
Mono
Mono
Mono
Mono
STEREO
Stereo
Stereo
Stereo
Stereo
BILINGUAL:
Languages A and B
Left = A
Right = B
Left = A
Right = B
AB
B/G-NICAM
L-NICAM
I-NICAM
D/K-NICAM
D/K-NICAM
(with high
deviation FM)
08, 032)
09
0A
0B, 042), 052)
0C, 0D
NICAM not available or
error rate too high
analog Mono
analog Mono
analog Mono
analog Mono
MONO
analog Mono
NICAM Mono
NICAM Mono
NICAM Mono
STEREO
analog Mono
NICAM Stereo
NICAM Stereo
NICAM Stereo
BILINGUAL:
Languages A and B
analog Mono
Left = NICAM A
Right = NICAM B
NICAM A
NICAM B
BTSC
20, 21
MONO
Mono
Mono
Mono
Mono
STEREO
Stereo
Stereo
Stereo
Stereo
20
MONO+SAP
Mono
Mono
Mono
Mono
STEREO+SAP
Stereo
Stereo
Stereo
Stereo
21
MONO+SAP
Left = Mono
Right = SAP
Left = Mono
Right = SAP
Mono
SAP
STEREO+SAP
Left = Mono
Right = SAP
Left = Mono
Right = SAP
Mono
SAP
FM Radio
40
MONO
Mono
Mono
Mono
Mono
STEREO
Stereo
Stereo
Stereo
Stereo
1) The Automatic Sound Select process will automatically switch to the mono compatible analog standard.
2) The Automatic Sound Select process will automatically switch to the mono compatible digital standard.
3) The MSP Standard Codes are defined in Table 3–7 on page 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com