Electronic Components Datasheet Search
  English  ▼

X  

MSP3401G Datasheet(PDF) 96 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 96 Page - Micronas

Back Button MSP3401G Datasheet HTML 92Page - Micronas MSP3401G Datasheet HTML 93Page - Micronas MSP3401G Datasheet HTML 94Page - Micronas MSP3401G Datasheet HTML 95Page - Micronas MSP3401G Datasheet HTML 96Page - Micronas MSP3401G Datasheet HTML 97Page - Micronas MSP3401G Datasheet HTML 98Page - Micronas MSP3401G Datasheet HTML 99Page - Micronas MSP3401G Datasheet HTML 100Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
96
Micronas
6.4.4. NICAM Error Rate Register
Average error rate of the NICAM reception in a time
interval of 182 ms, which should be close to 0. The ini-
tial and maximum value of ERROR_RATE is 2047.
This value is also active if the NICAM bit of
MODE_REG is not set. Since the value is achieved by
filtering, a certain transition time (approx. 0.5 sec) is
unavoidable. Acceptable audio may have error rates
up to a value of 700 int. Individual evaluation of this
value by the controller and an appropriate threshold
may define the fallback mode from NICAM to FM/
AM-Mono in case of poor NICAM reception.
The bit error rate per second (BER) can be calculated
by means of the following formula:
BER = ERROR_RATE * 12.3*10−6 /s
6.4.5. PLL_CAPS Readback Register
It is possible to read out the actual setting of the
PLL_CAPS. In standard applications, this register is
not of interest for the customer.
6.4.6. AGC_GAIN Readback Register
It is possible to read out the actual setting of
AGC_GAIN in Automatic Gain Mode. In standard
applications, this register is not of interest for the cus-
tomer.
6.4.7. Automatic Search Function for FM-Carrier
Detection in Satellite Mode
The AM demodulation ability of the MSP 34x1G offers
the possibility to calculate the “field strength” of the
momentarily selected FM carrier, which can be read
out by the controller. In SAT receivers, this feature can
be used to make automatic FM carrier search possi-
ble.
For this, the MSP has to be switched to AM-mode
(MODE_REG[8]),
FM-Prescale
must
be
set
to
7Fhex = +127dec, and the FM DC notch (see section
6.5.7.) must be switched off. The sound-IF frequency
range must now be “scanned” in the MSP-channel 2 by
means of the programmable quadrature mixer with an
appropriate incremental frequency (i.e. 10 kHz). After
each incrementation, a field strength value is available
at the quasi-peak detector output (quasi-peak detector
source must be set to FM), which must be examined
for relative maxima by the controller. This results in
either continuing search or switching the MSP back to
FM demodulation mode.
During the search process, the FIR2 must be loaded
with
the
coefficient
set
“AUTOSEARCH”,
which
enables small bandwidth, resulting in appropriate field
strength characteristics. The absolute field strength
value (can be read out of “quasi-peak detector output
FM1”) also gives information on whether a main FM
carrier or a subcarrier was detected; and as a practical
consequence, the FM bandwidth (FIR1/2) and the
deemphasis (50
µs or adaptive) can be switched
accordingly.
Due to the fact that a constant demodulation frequency
offset of a few kHz leads to a DC level in the demodu-
lated signal, further fine tuning of the found carrier can
be achieved by evaluating the “DC Level Readout
FM1”. Therefore, the FM DC Notch must be switched
on, and the demodulator part must be switched back to
FM-demodulation mode.
For a detailed description of the automatic search
function, please refer to the corresponding MSP Win-
dows software.
ERROR_RATE
00 57hex
Error free
0000hex
maximum error rate
07FFhex
PLL_CAPS
02 1Fhex L
minimum frequency
1111 1111
FFhex
nominal frequency
0101 0110
56hex
RESET
maximum frequency
0000 0000
00hex
PLL_CAPS
02 1Fhex H
PLL open
xxxx xxx0
PLL closed
xxxx xxx1
AGC_GAIN
02 1Ehex
max. amplification
(20 dB)
0001 0100
14hex
min. amplification
(3 dB)
0000 0000
00hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com