Electronic Components Datasheet Search
  English  ▼

X  

MSP3401G Datasheet(PDF) 45 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 45 Page - Micronas

Back Button MSP3401G Datasheet HTML 41Page - Micronas MSP3401G Datasheet HTML 42Page - Micronas MSP3401G Datasheet HTML 43Page - Micronas MSP3401G Datasheet HTML 44Page - Micronas MSP3401G Datasheet HTML 45Page - Micronas MSP3401G Datasheet HTML 46Page - Micronas MSP3401G Datasheet HTML 47Page - Micronas MSP3401G Datasheet HTML 48Page - Micronas MSP3401G Datasheet HTML 49Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
45
3.4. Programming Tips
This section describes the preferred method for initial-
izing the MSP 34x1G. The initialization is grouped into
four sections:
– SCART Signal Path (analog signal path)
– Demodulator
– SCART and I2S Inputs
– Output Channels
See Fig. 2–1 on page 9 for a complete signal flow.
SCART Signal Path
1. Select analog input for the SCART baseband pro-
cessing (SCART DSP Input Select) by means of the
ACB register.
2. Select the source for each analog SCART output
(SCART Output Select) by means of the ACB regis-
ter.
Demodulator
For a complete setup of the TV sound processing from
analog IF input to the source selection, the following
steps must be performed:
1. Set MODUS register to the preferred mode and
Sound IF input.
2. Choose preferred prescale (FM and NICAM) values.
3. Write STANDARD SELECT register.
4. If Automatic Sound Select is not active:
Choose FM matrix repeatedly according to the
sound mode indicated in the STATUS register.
SCART and I2S Inputs
1. Select preferred prescale for SCART.
2. Select preferred prescale for I2S inputs
(set to 0 dB after RESET).
Output Channels
1. Select the source channel and matrix for each out-
put channel.
2. Set audio baseband processing.
3. Select volume for each output channel.
3.5. Examples of Minimum Initialization Codes
Initialization of the MSP 34x1G according to these list-
ings reproduces sound of the selected standard on the
loudspeaker output. All numbers are hexadecimal. The
examples have the following structure:
1. Perform an I2C controlled reset of the IC.
2. Write MODUS register
(with Automatic Sound Select).
3. Set Source Selection for loudspeaker channel
(with matrix set to STEREO).
4. Set Prescale
(FM and/or NICAM and dummy FM matrix).
5. Write STANDARD SELECT register.
6. Set Volume loudspeaker channel to 0 dB.
3.5.1. SCART1 Input to Loudspeaker in
Stereo Sound
<80 00 80 00>
// reset
<80 00 00 00>
<80 12 00 08 02 20>
// source loudspeaker = scart, stereo
<80 12 00 0d 19 00>
// prescale scart
<80 12 00 00 73 00>
// volume main = 0dB
3.5.2. SCART1 Input to Loudspeaker in
3D-PANORAMA Sound
<80 00 80 00>
// reset
<80 00 00 00>
<80 12 00 08 02 20>
// source loudspeaker = scart, stereo
<80 12 00 0d 19 00>
// prescale scart
<80 12 00 00 73 00>
// volume main = 0dB
<80 12 00 48 01 00>
// virtual surround sound: on
<80 12 00 49 40 00>
// Surround spatial effect = 50%
<80 12 00 4a 54 00>
// panorama sound effect = 66%
<80 12 00 4b 00 60>
// Surround mode = 3d_panorama
<80 12 00 4d 00 00>
// Noise Sequencer = off
3.5.3. Noise Sequencer for 3D-PANORAMA Sound
// switch into 3D-PANORAMA sound (s.a.). Then:
<80 12 00 4d 80 a0>
// noise L
[wait for 2 seconds]
<80 12 00 4d 80 b0>
// noise C
[wait for 2 seconds]
<80 12 00 4d 80 c0>
// noise R
[wait for 2 seconds]
<80 12 00 4d 80 d0>
// noise S
[wait for 2 seconds]
// switch back to normal operation
<80 12 00 4d 00 00>
// Noise Sequencer = off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com