Electronic Components Datasheet Search
  English  ▼

X  

MSP3401G Datasheet(PDF) 89 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 89 Page - Micronas

Back Button MSP3401G Datasheet HTML 85Page - Micronas MSP3401G Datasheet HTML 86Page - Micronas MSP3401G Datasheet HTML 87Page - Micronas MSP3401G Datasheet HTML 88Page - Micronas MSP3401G Datasheet HTML 89Page - Micronas MSP3401G Datasheet HTML 90Page - Micronas MSP3401G Datasheet HTML 91Page - Micronas MSP3401G Datasheet HTML 92Page - Micronas MSP3401G Datasheet HTML 93Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
89
6.3.2. A2 Threshold
The threshold between Stereo/Bilingual and Mono
Identification for the A2 Standard has been made pro-
grammable according to the user’s preferences. An
internal hysteresis ensures robustness and stability.
6.3.3. Carrier-Mute Threshold
The Carrier-Mute threshold has been made program-
mable according to the user’s preferences. An internal
hysteresis ensures stable behavior.
Table 6–7: Write Register on I2C Subaddress 10hex : A2 Threshold
Register
Address
Function
Name
THRESHOLDS
00 22hex (write)
A2 THRESHOLD Register
Defines threshold of all A2 and EIA_J standards for Stereo and Bilingual
detection
bit[15:0]
07F0hex
force Mono Identification
...
0190hex
default setting after reset
...
00A0hex
minimum Threshold for stable detection
recommended range : 00A0hex...03C0hex
A2_THRESH
Table 6–8: Write Register on I2C Subaddress 10hex : Carrier-Mute Threshold
Register
Address
Function
Name
THRESHOLDS
00 24hex (write)
Carrier-Mute THRESHOLD Register
Defines threshold for the carrier mute feature
bit[15:0]
0000hex
Carrier-Mute always ON (both channels muted)
...
002Ahex
default setting after reset
...
07FFhex
Carrier-Mute always OFF
(both channels forced on)
recommended range : 0014hex...0050hex
CM_THRESH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com