Electronic Components Datasheet Search
  English  ▼

X  

MSP3401G Datasheet(PDF) 73 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 73 Page - Micronas

Back Button MSP3401G Datasheet HTML 69Page - Micronas MSP3401G Datasheet HTML 70Page - Micronas MSP3401G Datasheet HTML 71Page - Micronas MSP3401G Datasheet HTML 72Page - Micronas MSP3401G Datasheet HTML 73Page - Micronas MSP3401G Datasheet HTML 74Page - Micronas MSP3401G Datasheet HTML 75Page - Micronas MSP3401G Datasheet HTML 76Page - Micronas MSP3401G Datasheet HTML 77Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
73
4.6.3.7. Sound IF Inputs
4.6.3.8. Power Supply Rejection
Main and AUX Outputs
RoutMA
Main/AUX Output Resistance
DACp_s1)
2.1
2.1
3.3
4.6
5.0
k
Ω
k
Ω
fsignal = 1 kHz, I = 0.1 mA
Tj = 27 °C
TA = 0 to 70 °C
VoutDCMA
DC-Level at Main/AUX-Output
(AHVSUP = 8 V)
1.80
2.04
61
2.28
V
mV
Volume 0 dB
Volume
−30 dB
DC-Level at Main/AUX-Output
(AHVSUP = 5 V)
1.12
1.36
40
1.60
V
mV
Volume 0 dB
Volume
−30 dB
VoutMA
Signal Level at Main/AUX-Output
(AHVSUP = 8 V)
1.23
1.37
1.51
VRMS
fsignal = 1 kHz
Volume 0 dB
Full scale input from I2S
Signal Level at Main/AUX-Output
(AHVSUP = 5 V)
0.76
0.90
1.04
VRMS
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
RIFIN
Input Impedance
ANA_IN1
+,
ANA_IN2
+,
ANA_IN
−
1.5
6.8
2
9.1
2.5
11.4
k
Ω
k
Ω
Gain AGC = 20 dB
Gain AGC = 3 dB
DCVREFTOP
DC Voltage at VREFTOP
VREFTOP
2.45
2.65
2.75
V
DCANA_IN
DC Voltage on IF Inputs
ANA_IN1
+,
ANA_IN2
+,
ANA_IN
−
1.3
1.5
1.7
V
XTALKIF
Crosstalk Attenuation
ANA_IN1
+,
ANA_IN2
+,
ANA_IN
−
40
dB
fsignal = 1 MHz
Input Level =
−2 dBr
BWIF
3 dB Bandwidth
10
MHz
AGC
AGC Step Width
0.85
dB
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
PSRR: Rejection of Noise on AHVSUP at 1 kHz
PSRR
AGNDC
AGNDC
80
dB
From Analog Input to I2S Output
MONO_IN,
SCn_IN_s1)
70
dB
From Analog Input to
SCART Output
MONO_IN,
SCn_IN_s1)
SCn_OUT_s1)
70
dB
From I2S Input to SCART Output
SCn_OUT_s1)
60
dB
From I2S Input to MAIN or AUX
Output
DACp_s1)
80
dB
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com