Electronic Components Datasheet Search
  English  ▼

X  

MSP3401G Datasheet(PDF) 7 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 7 Page - Micronas

Back Button MSP3401G Datasheet HTML 3Page - Micronas MSP3401G Datasheet HTML 4Page - Micronas MSP3401G Datasheet HTML 5Page - Micronas MSP3401G Datasheet HTML 6Page - Micronas MSP3401G Datasheet HTML 7Page - Micronas MSP3401G Datasheet HTML 8Page - Micronas MSP3401G Datasheet HTML 9Page - Micronas MSP3401G Datasheet HTML 10Page - Micronas MSP3401G Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
7
1.1. Features of the MSP 34x1G Family and Differences to MSP 34xxD
1.2. MSP 34x1G Version List
Feature
(New features not available for MSP 34xxD are shaded gray.)
3401
3411
3421
3441
3451
3461
3D-PANORAMA virtualizer (approved by Dolby Laboratories) with noise generator
X
X
X
X
X
X
PANORAMA virtualizer algorithm
X
X
X
X
X
X
Standard Selection with single I2C transmission
X
X
X
X
X
X
Automatic Standard Detection of terrestrial TV standards/Automatic Carrier Mute function
X
X
X
X
X
X
Automatic Sound Selection (mono/stereo/bilingual), new registers MODUS, STATUS
X
X
X
X
X
X
Two selectable sound IF (SIF) inputs
X
X
X
X
X
X
Interrupt output programmable (indicating status change)
X
X
X
X
X
X
Loudspeaker / Headphone channel with volume, balance, bass, treble, loudness
X
X
X
X
X
X
Loudspeaker channel with MDB (Micronas Dynamic Bass)
X
X
X
X
X
X
AVC: Automatic Volume Correction
X
X
X
X
X
X
Subwoofer output with programmable low-pass and complementary high-pass filter
X
X
X
X
X
X
5-band graphic equalizer for loudspeaker channel
X
X
X
X
X
X
Spatial effect for loudspeaker channel; processing of all deemphasis filtering
X
X
X
X
X
X
Four Stereo SCART (line) inputs, one Mono input; two Stereo SCART outputs
X
X
X
X
X
X
Complete SCART in/out switching matrix
X
X
X
X
X
X
Two I2S inputs; one I2S output
XXX
XXX
All analog FM-Stereo A2 and satellite standards
X
X
X
All analog Mono sound carriers including AM-SECAM L
X
X
X
X
X
X
Simultaneous demodulation of (very) high-deviation FM-Mono and NICAM
X
X
Adaptive deemphasis for satellite (Wegener-Panda, acc. to ASTRA specification)
X
X
X
X
ASTRA Digital Radio (ADR) together with DRP 3510A
X
X
X
X
All NICAM standards
XX
Demodulation of the BTSC multiplex signal and the SAP channel
X
X
X
Alignment free digital DBX noise reduction for BTSC Stereo and SAP
X
X
Alignment free digital Micronas Noise Reduction (MNR) for BTSC Stereo and SAP
X
BTSC stereo separation (MSP 3421/41G also EIA-J) significantly better than spec.
X
X
X
SAP and stereo detection for BTSC system
X
X
X
Korean FM-Stereo A2 standard
X
X
X
X
X
Alignment-free Japanese standard EIA-J
X
X
X
Demodulation of the FM-Radio multiplex signal
X
X
X
Version
Status
Description
MSP 3401G
available
FM Stereo (A2) Version
MSP 3411G
available
NICAM and FM Stereo (A2) Version
MSP 3421G
available
NTSC Version (A2 Korea, BTSC with Micronas Noise Reduction (MNR), Japanese EIA-J system)
MSP 3441G
not confirmed
NTSC Version (A2 Korea, BTSC with DBX noise reduction, Japanese EIA-J system)
MSP 3451G
available
Global Version (all sound standards)
MSP 3461G
not confirmed
Global Mono Version (all sound Standards)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com