Electronic Components Datasheet Search
  English  ▼

X  

MSP3401G Datasheet(PDF) 83 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 83 Page - Micronas

Back Button MSP3401G Datasheet HTML 79Page - Micronas MSP3401G Datasheet HTML 80Page - Micronas MSP3401G Datasheet HTML 81Page - Micronas MSP3401G Datasheet HTML 82Page - Micronas MSP3401G Datasheet HTML 83Page - Micronas MSP3401G Datasheet HTML 84Page - Micronas MSP3401G Datasheet HTML 85Page - Micronas MSP3401G Datasheet HTML 86Page - Micronas MSP3401G Datasheet HTML 87Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
83
5.3. BTSC-Sound System
5.4. Japanese FM Stereo System (EIA-J)
Table 5–4: Key parameters for BTSC-Sound Systems
Aural
Carrier
BTSC-MPX-Components
(L
+R)
Pilot
(L
−R)
SAP
Prof. Ch.
Carrier frequency
(fhNTSC = 15.734 kHz)
(fhPAL = 15.625 kHz)
4.5 MHz
Baseband
fh
2 fh
5 fh
6.5 fh
Sound bandwidth in kHz
0.05 - 15
0.05 - 15
0.05 - 12
0.05 - 3.4
Preemphasis
75
µs
DBX
DBX
150
µs
Max. deviation to Aural Carrier
73 kHz
(total)
25 kHz1)
5kHz
50 kHz1)
15 kHz
3 kHz
Max. Freq. Deviation of Subcarrier
Modulation Type
AM
10 kHz
FM
3kHz
FM
1) Sum does not exceed 50 kHz due to interleaving effects
Table 5–5: Key parameters for Japanese FM-Stereo Sound System EIA-J
Aural
Carrier
FM
EIA-J-MPX-Components
(L
+R)
(L
−R)
Identification
Carrier frequency (fh = 15.734 kHz)
4.5 MHz
Baseband
2 fh
3.5 fh
Sound bandwidth
0.05 - 15 kHz
0.05 - 15 kHz
−
Preemphasis
75
µs75 µs
none
Max. deviation portion to Aural Carrier
47 kHz
25 kHz
20 kHz
2 kHz
Max. Freq. Deviation of Subcarrier
Modulation Type
10 kHz
FM
60%
AM
Transmitter-sided delay
20
µs0 µs0 µs
Mono transmission
L
+R
−
unmodulated
Stereo transmission
L
+RL−R
982.5 Hz
Bilingual transmission
Language A
Language B
922.5 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com