Electronic Components Datasheet Search
  English  ▼

X  

MSP3401G Datasheet(PDF) 78 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 78 Page - Micronas

Back Button MSP3401G Datasheet HTML 74Page - Micronas MSP3401G Datasheet HTML 75Page - Micronas MSP3401G Datasheet HTML 76Page - Micronas MSP3401G Datasheet HTML 77Page - Micronas MSP3401G Datasheet HTML 78Page - Micronas MSP3401G Datasheet HTML 79Page - Micronas MSP3401G Datasheet HTML 80Page - Micronas MSP3401G Datasheet HTML 81Page - Micronas MSP3401G Datasheet HTML 82Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
78
Micronas
BTSC Characteristics (MSP Standard Code = 20hex, 21hex)
S/NBTSC
S/N of BTSC Stereo Signal
S/N of BTSC-SAP Signal
DACp_s,
SCn_OUT_s1)
68
57
dB
dB
1 kHz L or R or SAP, 100%
modulation, 75
µs deempha-
sis, RMS unweighted 0 to 15
kHz
THDBTSC
THD
+N of BTSC Stereo Signal
THD
+N of BTSC SAP Signal
0.1
0.5
%
%
1 kHz L or R or SAP, 100%
75
µs EIM2), DBX NR or
MNR, RMS unweighted
0 to 15 kHz
fRDBX
Frequency Response of BTSC
Stereo, 50 Hz...12 kHz
Frequency Response of BTSC-
SAP, 50 Hz...9 kHz
−1.0
−1.0
1.0
1.0
dB
dB
L or R or SAP,
1%...66% EIM2), DBX NR
fRMNR
Frequency Response of BTSC
Stereo, 50 Hz...12 kHz
−2.0
2.0
dB
L or R 5%...66% EIM2), MNR
Frequency Response of BTSC-
SAP, 50 Hz...9 kHz
−2.0
2.0
dB
SAP, white noise, 10% Modu-
lation, MNR
XTALKBTSC
Stereo
→ SAP
SAP
→ Stereo
76
80
dB
dB
1 kHz L or R or SAP, 100%
modulation, 75
µs deempha-
sis, Bandpass 1 kHz
SEPDBX
Stereo Separation DBX NR
50 Hz...10 kHz
50 Hz...12 kHz
35
30
dB
dB
L or R 1%...66% EIM2), DBX
NR
SEPMNR
Stereo Separation MNR
30
dB
L = 300 Hz, R = 3.1 kHz
14% Modulation, MNR
FMpil
Pilot deviation threshold
Stereo off
→ on
Stereo on
→ off
ANA_IN1+,
ANA_IN2+
3.2
1.2
3.5
1.5
kHz
kHz
4.5 MHz carrier modulated
with fh = 15.734 kHz
SIF level = 100 mVpp
indication: STATUS Bit[6]
fPilot
Pilot Frequency Range
15.563
15.843
kHz
standard BTSC stereo signal,
sound carrier only
1) “n” means “1” or “2”;
“s” means “L” or “R”;
“p” means “M’’ or ‘‘A’’
2) EIM refers to 75-
µs Equivalent Input Modulation. It is defined as the audio-signal level which results in a stated percentage modulation,
when the DBX encoding process is replaced by a 75-
µs preemphasis network.
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com