Electronic Components Datasheet Search
  English  ▼

X  

CS62180 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 10Page - Cirrus Logic CS62180 Datasheet HTML 11Page - Cirrus Logic CS62180 Datasheet HTML 12Page - Cirrus Logic CS62180 Datasheet HTML 13Page - Cirrus Logic CS62180 Datasheet HTML 14Page - Cirrus Logic CS62180 Datasheet HTML 15Page - Cirrus Logic CS62180 Datasheet HTML 16Page - Cirrus Logic CS62180 Datasheet HTML 17Page - Cirrus Logic CS62180 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
SLC-96
® Timing
Figure A6 of the Application Section, shows the
SLC-96
® superframe structure. Note that in Fig-
ure A6, the first C bit (C1) resides in frame 12.
A low to high transition of TMSYNC identifies
Frame 1 of Figure A6.
Frame and multiframe timing is output on
TCHCLK, TMO, TSIGSEL, TSIGFR and
TLCLK. TSIGSEL can be used to identify the
location of the DL bits. The TSIGSEL output is
high during frames 58 to 11, and is low during
frames 12 to 57.
When TSIGSEL is low, the
CS62180B accepts DL bits on TLINK at a 4
kHz rate, The DL bits which are input on
TLINK are: C1-C11, DC, DC, DC, M1-M3, A1,
A2, S1-S4. "DC" signifies "don’t care" bits. The
DC-bit positions correspond to the spoiler bits.
The CS62180B internally generates the spoiler
bits. The data input on TLINK in the DC posi-
tion is ignored by the CS62180B. TLCLK is a 4
kHz clock for the TLINK input. TLCLK goes
high during odd frames.
TMO transitions high at the beginning of every
12th frame. TSIGFR goes high during signaling
frames (every 6 frames). The rising edge of
TMO identifies the 6
th frame, and the falling
edge of TMO identifies the 12
th frame for exter-
nal multiplexing of signaling channels.
See
Figure 8 for timing diagram.
Frame
TMSYNC
TFSYNC
TMO
TSIGSEL
TSIGFR
TLCLK
X
2 3 45 67
18 910 11 12
2 3 456 7
1
8 9
14 15 16 17
19 20 21 22 23 24
13
18
AB
CD
A
Figure 7. 193E Multiframe Transmit Timing
Frame
TMSYNC
TFSYNC
TMO
TSIGSEL
TSIGFR
TLCLK
X
2 34 5 6 7
1
89 10 11 12
2 34 5 67
18 9 10 11 12
234 5 6 7
18 9
ABA
BA
Figure 6. 193S Multiframe Transmit Timing
CS62180B
14
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com