Electronic Components Datasheet Search
  English  ▼

X  

CS62180 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 33Page - Cirrus Logic CS62180 Datasheet HTML 34Page - Cirrus Logic CS62180 Datasheet HTML 35Page - Cirrus Logic CS62180 Datasheet HTML 36Page - Cirrus Logic CS62180 Datasheet HTML 37Page - Cirrus Logic CS62180 Datasheet HTML 38Page - Cirrus Logic CS62180 Datasheet HTML 39Page - Cirrus Logic CS62180 Datasheet HTML 40Page - Cirrus Logic CS62180 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
SDO - Serial Data Out, Pin 16 (PLCC, Pin 18).
When reading the serial port, data is output LSB first. Data is updated on the falling edge of
SCLK and held to the next falling edge. SDO goes to a high impedance state when CS is high
or after the rising edge of SCLK corresponding to the output of the MSB (last bit output).
Hardware Mode Control Pins
Pins 14 - 18 (PLCC, 16 - 20) are multifunctional. When in Host mode, they operate as serial
interface pins. When in hardware mode, they are redefined as mode control pins. Their host
mode operation is described separately under Host Mode Serial Interface, above. SPS must be
tied low to enable hardware mode.
193SI - 193S S-bit Insertion, Pin 14 (PLCC, Pin 16).
In hardware mode, this pin is redefined as a control pin and maps directly to TCR.2. Holding
the pin low while in 193S framing format, configures the CS62180B to generate the
FS framing pattern internally for transmission. Pulling 193SI high allows external insertion
of transmitted S-bits via TLINK.
FM - Frame Mode Select, Pin 15 (PLCC, Pin 17).
In hardware mode, this pin is redefined as a control pin and maps directly to CCR.4. Holding
the FM pin low configures the CS62180B for 193S framing format, pulling it high selects the
193E format.
TYEL - Transmit Yellow Alarm, Pin 16 (PLCC, Pin 18).
In hardware mode, this pin is redefined as a control pin and maps directly to TCR.0. Pulling the
TYEL pin high enables transmission of a yellow alarm in the default format. In 193S mode
yellow alarms default to a "0" in bit 2 (D6) of all DS0 channels. In 193E mode, yellow alarms
are encoded/decoded as a repeating pattern of 00FF (hex) on the FDL.
B7 - Bit 7 Zero Suppression, Pin 17 (PLCC, Pin 19).
In hardware mode, this pin is redefined as a control pin and maps directly to CCR.1. Holding
the B7 pin low disables bit 7 stuffing (B7) for transparent operation. Pulling the pin high
enables B7 zero suppression. Pulling the B7 and B8ZS pins high simultaneously puts the
CS62180B into loopback operation.
B8ZS - Bipolar Eight Zero Suppression, Pin 18 (PLCC, Pin 20).
In hardware mode, this pin is redefined as a control pin and maps directly to CCR.2. On the
CS62180B, pulling the B8ZS pin high enables B8ZS zero suppression in just the transmitter,
since the CS62180B receiver is always capable of receiving either B8ZS or AMI-encoded data.
Pulling the B7 and B8ZS pins high simultaneously puts the CS62180B into loopback
operation.
CS62180B
DS225PP2
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com