Electronic Components Datasheet Search
  English  ▼

X  

CS62180 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 27Page - Cirrus Logic CS62180 Datasheet HTML 28Page - Cirrus Logic CS62180 Datasheet HTML 29Page - Cirrus Logic CS62180 Datasheet HTML 30Page - Cirrus Logic CS62180 Datasheet HTML 31Page - Cirrus Logic CS62180 Datasheet HTML 32Page - Cirrus Logic CS62180 Datasheet HTML 33Page - Cirrus Logic CS62180 Datasheet HTML 34Page - Cirrus Logic CS62180 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
When using a bit 2 yellow alarm, in either 193S
or 193E mode, a yellow alarm is defined as a
"0" in bit 2 (2nd MSB) of every DS0 channel.
RYEL will signal a bit 2 yellow alarm when 256
or more consecutive channels are detected with a
"0" in bit 2. The alarm will clear at the next "1"
detected in a bit 2 position.
When using an FDL yellow alarm in 193E
mode, RYEL will declare a yellow alarm after
16 repetitions of "00FF" on the FDL. The alarm
will clear at the next bit which is out of se-
quence.
When using an S-bit yellow alarm in 193S
mode, RYEL will transition high whenever a "1"
is detected in the F-bit of frame 12. The alarm is
not cleared until a zero is detected in the F-bit of
frame 12.
In T1DM mode , a yellow alarm is detected by
checking the channel 24 sync word. In SLC-96
®
mode, the CS62180B does not recognize yellow
alarms, rather, they are recognized by the user
via the DL.
Error Count Saturation
RSR.6: ECS
ECS (RSR.6) monitors the status of the Error
Count Register (ECR), as shown in Figure 23.
The ECR provides two, separate, 4 bit counters
at one register address: the ESF Error Count (D0
- D3), and the OOF Count (D4 - D7). RSR.6
will go high after either of these 4 bit counters
becomes saturated (at 15), and new OOF or ESF
event is detected (the 16
th or greater).
The OOF Counter (D4 - D7) records the number
of out-of-frame events. An OOF event occurs
when 2 out of either 4 or 5 consecutive framing
bits are in error, as defined by RCR.6. In 193S
mode, the FT bits are monitored for OOF events,
while in 193E mode, the FPS bits are used.
The ESF counter (D0 - D3) records the number
of "Errored Superframes". An ESF event in 193E
mode is defined as an OOF event, or a CRC er-
ror. The ESF counter will be advanced each time
either event is detected. In 193S mode, the ESF
counter records individual framing bit errors. If
RCR.3 is set, requiring FS bits to be qualified for
synchronization, both FT and FS bit errors will
advance the ESF counter. If RCR.3 is clear, only
FT bits will be monitored.
The OOF and ESF operate separately, each
counting up from 0 (hex) and saturating at F
(hex). The saturation threshold can be changed
for each counter separately, by presetting the
counter to some value higher than 0. Because
they share the same register address, both count-
ers must be read or written simultaneously.
There is no status pin directly corresponding to
the ECS bit, but FERR signals individual frame
bit and CRC errors, and RLOS signals an OOF
event.
ECS counter increments are disabled
when resync is in progress (RLOS high).
Bipolar Violation Count Saturation
RSR.7: BVCS
Individual Bipolar Violations are recorded in an
8 bit counter, the Bipolar Violation Count Regis-
ter (BVCR), as show in Figure 24. The BVCR
counts up from 0 (all "0’s") to 255 (all "1’s").
After reaching saturation at 255, every Bipolar
7
(MSB)
654321
0
(LSB)
OOFD3
OOFD2
OOFD1
OOFD0
ESFD3
ESFD2
ESFD1
EFSD0
OOF Count
Presetable.
Saturates at 15 (1111).
ESF Error Count
Presetable.
Saturates at 15 (1111).
Figure 23. Error Count Register (ECR)
CS62180B
DS225PP2
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com