Electronic Components Datasheet Search
  English  ▼

X  

CS62180 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 40Page - Cirrus Logic CS62180 Datasheet HTML 41Page - Cirrus Logic CS62180 Datasheet HTML 42Page - Cirrus Logic CS62180 Datasheet HTML 43Page - Cirrus Logic CS62180 Datasheet HTML 44Page - Cirrus Logic CS62180 Datasheet HTML 45Page - Cirrus Logic CS62180 Datasheet HTML 46Page - Cirrus Logic CS62180 Datasheet HTML 47Page - Cirrus Logic CS62180 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
APPLICATIONS
System Connection Diagram
T1 Frame Formats
T1 is the basic format in the T-carrier PCM
transmission system used in the United States.
Detailed technical specifications can be found in
ANSI T1.107-1988, ANSI T1.403-1993, ANSI
T1.408-1990.
The T1 format time-division multiplexes 24 dig-
itized voice (telephone) or data channels into a
single, 1.544 Mbps data stream. This format is
used primarily for transmission over dual
twisted-pair cable with digital repeaters at 6000
ft. intervals. The T-carrier system also defines
higher level formats for long-haul transmission
via satellite or microwave relay. These higher
level formats are constructed by multiplexing
several T1 lines into higher and higher data
rates. Figure A2 gives an overview of the T-car-
rier hierarchy.
Level
Number of
voice channels
Bit Rate
(Mbps)
T-1
24
1.544
T-1C
48
3.152
T-2
96
6.312
T-3
672
44.736
T-4
4032
274.176
Figure A2. T-carrier Hiearchy
Transmit Line
Receive Line
TV+
RV+
MODE
RCLK
RPOS
RNEG
TCLK
TPOS
TNEG
SCLK
SDI
SDO
INT
CS
+5V
RMSYNC
RFSYNC
RSIGSEL
RCHCLK
RSER
RABCD
TMO
TSIGSEL
TSIGFR
TCHCLK
TSER
TABCD
RLCLK
RLINK
TLCLK
TLINK
TMSYNC
TEST
VSS
RSIGFR
TFSYNC
VDD
SPS
RCLK
RPOS
RNEG
TCLK
TPOS
TNEG
SCLK
SDI
SDO
INT
CS
RYEL
RCL
RBV
RFER
RLOS
RST
Data Link
Supervision
Host Processor
39
3
12
13
14
15
16
17
18
19
21
24
33
34
35
36
37
38
40
1
2
4
5
6
7
8
9
10
11
20
22
23
25
26
27
28
29
30
31
32
TTIP
TRING
RTIP
RRING
CLKE
Control
PCM Data
Signalling
PCM Data
Signalling
Q
Q
C
D
P
Q
Q
C
D
P
RMSYNC
RSIGSEL
SLC-96
multiframe
sync
VDD
(optional)
®
Figure A1. Typical System Connection
CS62180B
44
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com