Electronic Components Datasheet Search
  English  ▼

X  

CS62180 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 23Page - Cirrus Logic CS62180 Datasheet HTML 24Page - Cirrus Logic CS62180 Datasheet HTML 25Page - Cirrus Logic CS62180 Datasheet HTML 26Page - Cirrus Logic CS62180 Datasheet HTML 27Page - Cirrus Logic CS62180 Datasheet HTML 28Page - Cirrus Logic CS62180 Datasheet HTML 29Page - Cirrus Logic CS62180 Datasheet HTML 30Page - Cirrus Logic CS62180 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
rising edge before declaring synchronization.
SYNCC (RCR.3) allows you to modify the algo-
rithm employed to search for and qualify the
framing alignment. There are two different quali-
fying conditions available for each framing
mode, and the meaning of RCR.3 depends on
which framing mode has been selected via
CCR.4.
193S Resync
When operating with the 193S framing format,
RCR.3 selects whether or not the CS62180B
will qualify the FS bits during resync.
If a non-standard S-bit pattern is being used,
clearing RCR.3 will enable the device to first
search for the FT framing pattern to find frame
alignment, and then only reset multiframe align-
ment if the FS pattern can be found. This means
that if a valid FS pattern is not found, synchroni-
za tio n wi ll be declared anyway, and the
multiframe alignment indicated by RMSYNC
may be false. The S-bits output on RLINK can
be used to decode framing externally in such ap-
plications.
When using standard FS signaling, setting
RCR.3 to a "1" will cause the device to cross
check the FT and FS patterns to find sync, and
both patterns must be valid before sync is de-
clared. Synchronization will be declared after the
number of FT bits selected by RCR.2 separated
by valid FS bits have been qualified. Note that
in either setting, S-bit format yellow alarms are
recognized by the synchronizer if they have been
selected by setting CCR.3.
193E Resync
Clearing RCR.3 while in 193E mode will cause
the CS62180B to use only the
FPS framing pattern when looking for a valid
framing alignment. If RCR.3 is set, the device
will attempt to qualify the CRC bits after a can-
didate alignment has been found. If the CRC
codes match, then the new alignment will be de-
clared, if not, the device will try two more times.
If the third CRC code does not qualify, then the
device will start a new resync procedure and
continue in this manner until a framing align-
ment can be verified with the CRC codes.
Note that after 24 ms, if there are still multiple
candidates for framing alignment, the device will
test the CRC codes to eliminate false candidates
regardless of the setting of RCR.3. After the
framing alignment has been found, it takes about
9 ms for the device to check the CRC codes for
the first superframe. If that superframe fails, it
takes about 3 ms to check each additional CRC
code.
SLC-96
® Resync
When operating with the SLC-96
® framing for-
mat, the receiver should be programmed for
FS/FT cross-coupling (RCR.3=1) and for mini-
mum resync time (RCR.2=0). This causes the
CS62180B to sync on the 10 valid FT bits
seprated by valid Fs bits in frames 65 through
11, and prevents false synchronization to data
link and/or spoiler bits.
Note: The CS62180B does not check SLC-96
®
multiframe alignment once synchronization is
declared. In applications such as test equipment
where the input data framing format may change
or the multiframe alignment may change when
the frame alignment does not, the datalink proc-
essor should check the phase between RSIGSEL
and the DL spoiler bits on RLINK and issue a
forced resync when multiframe alignment is in-
correct. In the SLC-96
® applications, a forced
resync should be issued after the device is con-
figured. Since the CS62180B defaults to the
193S framing mode at power up it may sync to
SLC-96
® data while in the 193S mode. If this
occurs the multiframe alignment may be incor-
rect after the CS62180B is programmed for
SLC-96
® mode even though the frame alignment
CS62180B
DS225PP2
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com