Electronic Components Datasheet Search
  English  ▼

X  

CS62180 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 38Page - Cirrus Logic CS62180 Datasheet HTML 39Page - Cirrus Logic CS62180 Datasheet HTML 40Page - Cirrus Logic CS62180 Datasheet HTML 41Page - Cirrus Logic CS62180 Datasheet HTML 42Page - Cirrus Logic CS62180 Datasheet HTML 43Page - Cirrus Logic CS62180 Datasheet HTML 44Page - Cirrus Logic CS62180 Datasheet HTML 45Page - Cirrus Logic CS62180 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
RMSYNC - Receive Multiframe Sync, Pin 28 (PLCC, Pin 32).
Rising edge signals the F-bit of 1st frame of multiframe. RMSYNC runs on 50% duty cycle,
high for frames 1-6 in 193S mode, distinguishing signaling channels A and B. In 193E mode,
it’s high for frames 1-12, and can be used with RSIGSEL to distinguish channels A, B, C, and
D.
RSIGFR - Receive Signaling Frame, Pin 30 (PLCC, Pin 34).
High during signaling frames, low at all other times, including resync. Serves no purpose in
T1DM mode.
RSIGSEL - Receive Signaling Select, Pin 31 (PLCC, Pin 35).
In 193E mode, RSIGSEL goes high for frames 1-6 and 13-18, identifying signaling channels A
and C. Used together with RMSYNC, which is high for channels A and B, it allows identifica-
tion of all 4 signaling channels. In 193S mode, RSIGSEL goes high for frames 1-3 and 7-9.
Serves no purpose in T1DM mode. In SLC-96
® mode, RSIGSEL goes high in those frames
where Fs bits (frames 59 to 11) and the last spolier bit (frame 58) are present; goes low in all
other frames (frames 12 to 57).
Miscellaneous
TEST - Test Mode, Pin 32 (PLCC, Pin 36).
Tie to VSS for normal operation. Factory use only.
CS62180B
42
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com