Electronic Components Datasheet Search
  English  ▼

X  

CS62180 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 26Page - Cirrus Logic CS62180 Datasheet HTML 27Page - Cirrus Logic CS62180 Datasheet HTML 28Page - Cirrus Logic CS62180 Datasheet HTML 29Page - Cirrus Logic CS62180 Datasheet HTML 30Page - Cirrus Logic CS62180 Datasheet HTML 31Page - Cirrus Logic CS62180 Datasheet HTML 32Page - Cirrus Logic CS62180 Datasheet HTML 33Page - Cirrus Logic CS62180 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
If CCR.6 is set to a "1", RSR.2 will go high in
response to a Change of Frame Alignment
(COFA). A COFA is reported when the last re-
ceiver resync resulted in a change of frame or
multiframe alignment. RSR.2 will go high at the
same time the timing signals are reset after a
resync. (See Receiver Synchronization, above.)
Frame Bit Error
RSR.3: FERR
FERR (RSR.3) is set whenever a framing bit is
in error.
193S Frame Bit Errors: The framing bits for the
193S is the FT channel (odd F-bits). The RFER
status pin (pin 38) signals the same FT errors,
but in addition, signals FS errors as well. When
signaling a frame bit error, RFER will go high
simultaneously with the output of the offending
F-bit on RSER, and hold for 2 bit periods.
193E Frame Bit Errors: The framing bits for the
193E mode are the FPS channel (F-bits of
frames 4, 8, 12, 16, 20, and 24). The RFER
status pin (pin 38) signals the same FPS errors,
but in addition, signals CRC errors as well.
When signaling a frame bit error, RFER will go
high simultaneously with the output of the of-
fending F-bit on RSER, and hold for 2 bit
periods. When signaling a CRC error, RFER will
transition high 1/2 bit before the new superframe
to indicate a CRC error in the previous super-
frame. It goes high on the falling edge of RCLK,
and is held for only one period, returning low on
the next falling edge of RCLK.
SLC-96
® Frame Bit Errors: The framing bits for
the SLC-96
® mode is the FT channel (odd F-
bits). The RFER status pin (pin 38) signals the
same FT errors, but in addition, signals FS errors
as well. The presence of DL bits in FS bit posi-
tions will not be reported as frame bit errors on
pin RFER, or in registers RSR.3 and ECR.0-3,
and will not contribute to determining that an
OOF condition exists. When signaling a frame
bit error, RFER will go high simultaneously with
the output of the offending F-bit on RSER, and
hold for two bit periods.
T1DM Frame Bit Errors: The framing bits for
the T1DM mode are the FT and FS bits, plus the
channel 24 sync word. The RFER status pin (pin
38) signals errors in the frame bits. RFER will
go high simultaneously with the F-bit of the
frame following the frame in which the error(s)
occured, and will remain high for two bit peri-
ods.
Receive Carrier Loss
RSR.4: RCL
Carrier loss is declared when
128
±1 consecutive zero’s are detected at
RPOS/RNEG. RCL (RSR.2) and the RCL pin
(pin 36) transition high with the output of the
128
th±1 zero bit on RSER. The RCL pin will
return low as soon as the next "1" is received at
RPOS/RNEG.
Receive Yellow Alarm
RSR.5: RYEL
RYEL (RSR.5) transitions high when a yellow
alarm is detected. The format of the alarm de-
tected is determined by the settings of either
CCR.3 or CCR.5, depending on the framing for-
mat being used. The RYEL pin (pin 21) will
return low as soon as the alarm clears, that is,
when the next expected alarm bit no longer indi-
cates an alarm.
CS62180B
30
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com