Electronic Components Datasheet Search
  English  ▼

X  

HD74AC Datasheet(PDF) 41 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 41 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 37Page - Hitachi Semiconductor HD74AC Datasheet HTML 38Page - Hitachi Semiconductor HD74AC Datasheet HTML 39Page - Hitachi Semiconductor HD74AC Datasheet HTML 40Page - Hitachi Semiconductor HD74AC Datasheet HTML 41Page - Hitachi Semiconductor HD74AC Datasheet HTML 42Page - Hitachi Semiconductor HD74AC Datasheet HTML 43Page - Hitachi Semiconductor HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Design Considerations
40
Time (ns) (5.0 ns/div)
Key
Active Driver
Forward Crosstalk
Active Receiver
This figure shows traces taken on a test fixture designed to
exaggerate the amplitude of crosstalk pulses.
Vertical Scale
1.0 V/Div
0.2 V/Div
1.0 V/Div
Horizontal Scale
50 ns/Div
5.0 ns/Div
5.0 ns/Div
0.0 V
Figure 12 Reverse Crosstalk on PCB Traces
Gnd
30%
VCC
0
0
5 10 15 20 25
Pulse Width (ns)
30 35 40 45 50
1
2
3
4
Volts from VCC
VCC = 5.0 V
HAZARD
SAFE
Figure 13 High Noise Margin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com