Electronic Components Datasheet Search
  English  ▼

X  

HD74AC Datasheet(PDF) 43 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 43 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 39Page - Hitachi Semiconductor HD74AC Datasheet HTML 40Page - Hitachi Semiconductor HD74AC Datasheet HTML 41Page - Hitachi Semiconductor HD74AC Datasheet HTML 42Page - Hitachi Semiconductor HD74AC Datasheet HTML 43Page - Hitachi Semiconductor HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor HD74AC Datasheet HTML 46Page - Hitachi Semiconductor HD74AC Datasheet HTML 47Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Design Considerations
42
4.2 Ground Bounce
Ground bounce occurs as a result of the intrinsic characteristics of the leadframes and bondwires of the
packages used to house CMOS devices. As edge rates and drive capability increase in advanced logic
families, the effects of these intrinsic electrical characteristics become more pronounced.
Figure 16 shows a simple circuit model for a device in a leadframe driving a standard test load. The
inductor L1 represents the parasitic inductance in the ground lead of the package; inductor L2 represents
the parasitic inductance in the power lead of the package; inductor L3 represents the parasitic inductance in
the output lead of the package; the resistor R1 represents the output impedance of the device output, and the
capacitor and resistor C
L and RL represent the standard test load on the output of the device.
R1
L1
L2
L3
I
CL
RL
VCC
Figure 16 Ground Bounce Output Model
Output Voltage
Output Current
Inductor Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com