Electronic Components Datasheet Search
  English  ▼

X  

HD74AC Datasheet(PDF) 47 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 47 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 43Page - Hitachi Semiconductor HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor HD74AC Datasheet HTML 46Page - Hitachi Semiconductor HD74AC Datasheet HTML 47Page - Hitachi Semiconductor HD74AC Datasheet HTML 48Page - Hitachi Semiconductor HD74AC Datasheet HTML 49Page - Hitachi Semiconductor HD74AC Datasheet HTML 50Page - Hitachi Semiconductor HD74AC Datasheet HTML 51Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Design Considerations
46
It is good practice to distribute decoupling capacitors evenly through the logic, placing one capacitor for
every package.
5.2 Capacitor Types
Decoupling capacitors need to be of the high K ceramic type with low equivalent series resistance (ESR),
consisting primarily of series inductance and series resistance. Capacitors using 5ZU dielectric have
suitable properties and make a good choice for decoupling capacitors; they offer minimum cost and
effective performance.
6. TTL-Compatible CMOS Designs Require Delta I
CC Consideration
The FACT product line is composed of two types of advanced CMOS circuits: HD74AC and HD74ACT
devices. HD74ACT indicates an advanced CMOS device with TTL-type input thresholds for direct
replacement of LS and ALS circuits. As this HD74ACT series is used to replace TTL, the Delta I
CCT
specification must be considered; this spec may be confusing and misleading to the engineer unfamiliar
with CMOS.
It is important to understand the concept of Delta I
CCT and how to use it within a design. First, consider
where Delta I
CCT initiates. Most CMOS input structures are of the totem pole type with an n-channel
transistor in a series with a p-channel transistor as illustrated in figure 20.
P Channel
N Channel
VCC
To
Internal
Logic
Input Pad
Figure 20 CMOS Input Structure
These two transistors can be modeled as variable resistors with resistances varying according to the input
voltage. The resistance of an on transistor is approximately 50
Ω while the resistance of an off transistor is
generally greater than 5 M
Ω. When the input to this structure is at either ground or V
CC, one transistor will
be on and one will be off. The total series resistance of this pair will be the combination of the two
individual resistances, greater than 5 M
Ω. The leakage current will then be less than 1 µA. When the input
is between ground and V
CC, the resistance of the on transistor will increase while the resistance of the off
transistor will decrease. The net resistance will drop due to the much larger value of the off resistance.
The total series resistance can be as low as 600
Ω. This reduction in series resistance of the input structure
will cause a corresponding increase in I
CC as current flows through the input structure. Figure 21 depicts
typical I
CC variance with input voltage for an HD74ACT device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com