Electronic Components Datasheet Search
  English  ▼

X  

HD74AC Datasheet(PDF) 20 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 20 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 16Page - Hitachi Semiconductor HD74AC Datasheet HTML 17Page - Hitachi Semiconductor HD74AC Datasheet HTML 18Page - Hitachi Semiconductor HD74AC Datasheet HTML 19Page - Hitachi Semiconductor HD74AC Datasheet HTML 20Page - Hitachi Semiconductor HD74AC Datasheet HTML 21Page - Hitachi Semiconductor HD74AC Datasheet HTML 22Page - Hitachi Semiconductor HD74AC Datasheet HTML 23Page - Hitachi Semiconductor HD74AC Datasheet HTML 24Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Definition of Specifications
19
2. Ratings and Specifications
Table 1 Absolute Maximum Ratings
*1
Parameter
Symbol
Limit
Unit
Condition
Supply voltage
V
CC
–0.5 to 7.0
V
DC input Diode current
or DC input voltage
I
IK
–20
mA
V
I = –0.5
20
mA
V
I = VCC +0.5
V
I
–0.5 to V
CC +0.5
V
DC output Diode
current or DC output
voltage
I
OK
–50
mA
V
O = –0.5
50
mA
V
O = VCC +0.5
V
O
–0.5 to V
CC +0.5
V
DC output source or
sink current
I
O
±50
mA
DC V
CC or ground
current per output pin
I
CC or IGND
±50
mA
Storage temperature
T
STG
–65 to 150
°C
Note:
1. Absolute maximum ratings are those values beyond which damage to the device may occur.
Obviously the databook specifications should be met, without exception to ensure that the
system design is reliable over its power supply, temperature, output/input loading variables.
Hitachi does not recommend operation of FACT circuits outside databook specifications.
Table 2 Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
Condition
Supply Voltage (unless
otherwise specified)
AC devices
V
CC
2.0 to 6.0
V
ACT devices
4.5 to 5.5
Input voltage
V
I
0 to V
CC
V
Output voltage
V
O
0 to V
CC
V
Operating temperature
T
A
–40 to +85
°C
Input rise and Fall time*
1 (typical)
tr, tf
150
ns/V
V
CC @ 3.0V
(except Schmitt inputs) ’AC devices V
IN from
40
ns/V
V
CC @ 4.5V
30% to 70% of V
CC
25
ns/V
V
CC @ 5.5V
Input rise and Fall time*
1 (typical)
tr, tf
10
ns/V
V
CC @ 4.5V
(except schmitt inputs) ’ACT devices V
IN from
8
ns/V
V
CC @ 5.5V
0.8 to 2.0 V, V
meas from 0.8 to 2.0V
Note:
1. See individual data sheets for those devices which differ from the typical input rise and fall times
noted here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com