Electronic Components Datasheet Search
  English  ▼

X  

HD74AC Datasheet(PDF) 14 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 14 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 10Page - Hitachi Semiconductor HD74AC Datasheet HTML 11Page - Hitachi Semiconductor HD74AC Datasheet HTML 12Page - Hitachi Semiconductor HD74AC Datasheet HTML 13Page - Hitachi Semiconductor HD74AC Datasheet HTML 14Page - Hitachi Semiconductor HD74AC Datasheet HTML 15Page - Hitachi Semiconductor HD74AC Datasheet HTML 16Page - Hitachi Semiconductor HD74AC Datasheet HTML 17Page - Hitachi Semiconductor HD74AC Datasheet HTML 18Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
FACT Descriptions and Family Characteristics
13
2.2 Capacitive Loading Effects
In addition to temperature and power supply effects, capacitive loading effects for loads greater than 50 pF
should be taken into account for propagation delays of FACT devices. Minimum delay numbers may be
determined from table 3. Propagation delays are measured to the 50% point of the output waveform.
Table 3 Minimum Propagation Delay
Voltage(V)
Parameter
3.0
4.5
5.5
Units
T
rise
31
22
19
ps/pF
t
fall
18
13
12.5
ps/pF
Note:
TA = 25˚C
The two graphs following, figures 11 and 12, describe propagation delays on FACT devices as affected by
variations in power supply voltage (V
CC) and lumped load capacitance (CL). Figures 13 and 14 show the
effects of lumped load capacitance on rise and fall times for FACT devices.
Delay (ns)
VCC (Volts)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
C
L = 1000
pF,
t
PLH
C
L =
1000
pF, t
PHL
C
L =
470 pF,
t
PLH
C
L = 470 pF, t
PHL
C
L = 220
pF, t
PLH
CL = 50 pF, tPHL
CL = 50 pF, tPLH
CL = 220 pF, t
PHL
Figure 11 Propagation Delay vs. V
CC (HD74AC00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com