Electronic Components Datasheet Search
  English  ▼

X  

HD74AC Datasheet(PDF) 51 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 51 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor HD74AC Datasheet HTML 46Page - Hitachi Semiconductor HD74AC Datasheet HTML 47Page - Hitachi Semiconductor HD74AC Datasheet HTML 48Page - Hitachi Semiconductor HD74AC Datasheet HTML 49Page - Hitachi Semiconductor HD74AC Datasheet HTML 50Page - Hitachi Semiconductor HD74AC Datasheet HTML 51Page - Hitachi Semiconductor HD74AC Datasheet HTML 52Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
Design Considerations
50
8. Testing Disable Times of 3-State Outputs in a Transmission Line Environment
Traditionally, the disable time of a 3-state buffer has been measured from the 50% point on the disable
input, to the 10% or 90% point on the output. On a bench test site, the output waveform is generated by a
load capacitor and a pull-up/pull-down resistor. This circuit gives an RC charge/discharge curve as shown
in figure 25.
OUTPUT
OE
Time (ns)
0
1
2
3
4
5
1234
5
6789 10 11 12
Figure 25 Typical Bench 3-State Waveform
ATE test sites generally are unable to duplicate the bench test structure. ATE test loads differ because they
are usually programmable and are situated away from the actual device. A commonly used test load is a
Wheatstone bridge. Figure 26 illustraters the Wheatstone bridge test structure when used on the MCT 2000
test-system to duplicate the bench load.
+
-
DUT
Figure 26 MCT Wheatstone Bridge Test Load
The voltage source provides a pull-up/pull-down voltage while the current sources provide I
OH and IOL.
When devices with slow output slew rates are tested with the ATE load, the resultant waveforms closely
approximate the bench waveform, and a high degree of correlation can be achieved. However, when
devices with high output slew rates are tested, different results are observed that make correlating tester
results with bench results more difficult. This difference is due to the transmission line properties of the
test equipment. Most disable tests are preceded by establishing a current flow through the output structure.
Typically, these currents will be between 5 mA and 20 mA. The device is then disabled, and a comparator
detects when the output has risen to the 10% or 90% level. Consider the situation where the connection
between the device under test (DUT) and the comparator is a transmission line. Visualize the device
output as a switch; the effect is easier to see. There is current flowing through the line, and then the switch
is opened. At the device end, the reflection coefficient changes from 0 to 1. This generates a current edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com