Electronic Components Datasheet Search
  English  ▼

X  

HD74AC Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 6Page - Hitachi Semiconductor HD74AC Datasheet HTML 7Page - Hitachi Semiconductor HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor HD74AC Datasheet HTML 10Page - Hitachi Semiconductor HD74AC Datasheet HTML 11Page - Hitachi Semiconductor HD74AC Datasheet HTML 12Page - Hitachi Semiconductor HD74AC Datasheet HTML 13Page - Hitachi Semiconductor HD74AC Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
FACT Descriptions and Family Characteristics
9
Table 1b Logic Family Comparisons Speed/Power Characteristics (All Typical Ratings)
FACT
Characteristics
Symbol
LS
ALS
HCMOS
HD74AC
HD74ACT
Unit
Quiescent supply
current/Gate
I
G
0.4
0.2
0.0005
0.0005
mA
Power/gate
(Quiescent)
P
G
2.0
1.2
0.0025
0.0025
mW
Propagation delay
t
P
10
5.0
8.0
5.0
ns
Speed power
product
—
20
6.0
0.02
0.01
pJ
Clock frequency
D/FF
f
max
33
50
50
160
MHz
Table 2 Propagation Delay
Product
LS
ALS
HCMOS
FACT
unit
t
PLH/tPHL
HD74XX00
Typ
10.0
5.0
8.0
5.0
ns
Max
15.0
11.0
23.0
8.5
ns
t
PLH/tPHL (Clock to Q)
HD74XX74
Typ
25.0
12.0
14.0
8.0
ns
Max
40.0
18.0
40.0
10.5
ns
t
PLH/tPHL (Clock to Q)
HD74XX163 Typ
18.0
10.0
18.0
5.0
ns
Max
27.0
17.0
40.0
10.0
ns
Note:
continuous: (LS) V
CC = 5.0 V, CL = 15pF, 25°C;
(ALS/HC/FACT) V
CC = 5.0 V ± 10%, CL = 50 pF, typ values at 25˚C, max values at 0 to 70˚C for ALS.
–40 to +85˚C for HC/FACT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com