Electronic Components Datasheet Search
  English  ▼

X  

HD74AC Datasheet(PDF) 42 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 42 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 38Page - Hitachi Semiconductor HD74AC Datasheet HTML 39Page - Hitachi Semiconductor HD74AC Datasheet HTML 40Page - Hitachi Semiconductor HD74AC Datasheet HTML 41Page - Hitachi Semiconductor HD74AC Datasheet HTML 42Page - Hitachi Semiconductor HD74AC Datasheet HTML 43Page - Hitachi Semiconductor HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor HD74AC Datasheet HTML 46Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Design Considerations
41
Gnd
VCC
70%
0
0
5 10 15 20 25
Pulse Width (ns)
30 35 40 45 50
1
2
3
Volts
VCC = 5.0 V
HAZARD
SAFE
Figure 14 Low Noise Margin
With over 2.0 V of noise margins, the FACT family offers better noise rejection than any other comparable
technology.
In any design, the distance that lines run adjacent to each other should be kept as short as possible. The
best situation is when the lines are perpendicular to each other. For those situations where lines must run
parallel, the effects of crosstalk can be minimized by line termination. Terminating a line in its
characteristic impedance reduces the amplitude of an initial crosstalk pulse by 50%. Terminating the line
will also reduce the amount of ringing (figure 15). Crosstalk problems can also be reduced by moving lines
further apart or by inserting ground lines or planes between them.
Signal on Active Line
Noise Amplitude at A
Versus R
Passive Line
Vn = Coupled Signal
ZO
A
R
VT
100% : NO R
R+ZO
R
V
67% : R = 2ZO
60% : R = 1.5ZO
50% : R = ZO
Figure 15 Effects of Termination on Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com