Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 36 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6676 Datasheet HTML 32Page - Analog Devices AD6676 Datasheet HTML 33Page - Analog Devices AD6676 Datasheet HTML 34Page - Analog Devices AD6676 Datasheet HTML 35Page - Analog Devices AD6676 Datasheet HTML 36Page - Analog Devices AD6676 Datasheet HTML 37Page - Analog Devices AD6676 Datasheet HTML 38Page - Analog Devices AD6676 Datasheet HTML 39Page - Analog Devices AD6676 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 36 of 90
R and N Dividers
The phase/frequency detector (PFD) requires a 10 MHz to 80 MHz
clock. When fCLK = 200 MHz, the R divider must be set to divide by
4 so that fPFD = fCLK/RDIV = 50 MHz, which is within the supported
range. Table 11 shows the mapping from RDIV to the value of
Register 0x2BB. This register is set in Step 6 of Table 27.
Table 11. R Divider Settings for Register 0x2BB
RDIV
Register 0x2BB [7:6]
1
0b00
2
0b01
4
0b10
0.5
0b11
Note that operating with the highest permissible fPFD minimizes
the clock synthesizer reference spur because the PLL filter
bandwidth is fixed at 200 kHz. For a sinusoidal clock input
signal that has a limited input slew rate, operation with an input
frequency that is 2× or 4× the desired fPFD can also result in a
slight improvement in phase noise performance.
Because the ADC clock is obtained by dividing the VCO clock
by 2, the N-divider must be set according to
N = 2FADC/fPFD =2 × 3.2 GHz/50 MHz =128 = 0x80
The value of N is programmed by writing the LSB (0x80) to
Register 0x2A1 and the MSB (0x00) to Register 0x2A2 and is set
in Step 1 of Table 27.
Charge Pump Current and Calibration
The charge pump current setting (Register 0x2AC) is given by
))
1
10
33
.
1
,
63
(min(
round
2
28
ADC
PFD
CP
F
f
I
(6)
For the FADC and fPFD values used in this example, ICP evaluates
to 25, or 0x19; this value is programmed in Step 4 of Table 27.
The charge pump also must be calibrated during the clock
synthesizer initialization phase. Calibration is triggered via
Register 0x2AD The time required to complete the calibration
is inversely proportional to the PFD frequency. For example,
using fPFD = 10 MHz requires a maximum 4 ms wait period but
increasing fPFD to 80 MHz decreases the maximum wait period
by a factor of 8 to 0.5 ms. Alternatively, poll Bit 0 of Register 0x2BC;
charge pump calibration is complete when this bit is set.
VCO Configuration and Calibration
VCO configuration consists of writing to the SPI registers in
Table 12 that control the VCO core bias, temperature compensation,
and varactor settings. These settings depend on the VCO
frequency and are optimized via characterization to ensure
proper operation of the PLL over supply and temperature.
Table 12. VCO Configuration Settings vs. FADC
FADC (MHz)
Register 0x2AA
Register 0x2B7
2940 to 2950
0x37
0xF0
2950 to 3100
0x37
0xE0
3100 to 32001
0x37
0xD0
1. Operation at 3200 MHz requires the following modification to the KVCO and
charge pump resistor settings: Register 0x2A9 = 0x2A and Register 0x2AC =
0x12.
The VCO also must be calibrated during the clock synthesizer
initialization phase to ensure proper operation over its full
temperature range. VCO calibration is triggered via
Register 0x2AB with the amount of time required to complete
the calibration again being inversely proportional to the PFD
frequency. Specifically, fPFD = 10 MHz requires a 2 ms wait
period whereas fPFD = 80 MHz decreases the wait period by a
factor of 8 to 0.25 ms. Alternatively, poll Bit 1 of Register 0x2BC;
VCO calibration is complete when this bit is clear.
After the initialization process is complete, verify that Bit 3 of
Register 0x2BC is set to confirm that the PLL is locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com