Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 81 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 81 Page - Analog Devices

Back Button AD6676 Datasheet HTML 77Page - Analog Devices AD6676 Datasheet HTML 78Page - Analog Devices AD6676 Datasheet HTML 79Page - Analog Devices AD6676 Datasheet HTML 80Page - Analog Devices AD6676 Datasheet HTML 81Page - Analog Devices AD6676 Datasheet HTML 82Page - Analog Devices AD6676 Datasheet HTML 83Page - Analog Devices AD6676 Datasheet HTML 84Page - Analog Devices AD6676 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 81 of 90
JESD204 RES2 Register
Address: 0x1CC, Reset: 0x00, Name: RES2
Table 100. Bit Descriptions for RES2
Bits
Bit Name
Description
Reset
Access
[7:0]
RES2
0x00
RW
JESD204 LID0 Register
Address: 0x1D0, Reset: 0x00, Name: LID0
Table 101. Bit Descriptions for LID0
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
LID0
Lane ID for Lane 0.
0x00
RW
JESD204 LID1 Register
Address: 0x1D1, Reset: 0x01, Name: LID1
Table 102. Bit Descriptions for LID1
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
LID1
Lane ID for Lane 1.
0x01
RW
JESD204 FCHK0 Register
Address: 0x1D8, Reset: 0x44, Name: FCHK0
Table 103. Bit Descriptions for FCHK0
Bits
Bit Name
Description
Reset
Access
[7:0]
FCHK0
Checksum for Lane 0.
0x44
RW
JESD204 FCHK1 Register
Address: 0x1D9, Reset: 0x45, Name: FCHK1
Table 104. Bit Descriptions for FCHK1
Bits
Bit Name
Description
Reset
Access
[7:0]
FCHK1
Checksum for Lane 1.
0x45
RW
Enable Lane FIFO Register
Address: 0x1E0, Reset: 0x00, Name: EN_LFIFO
Table 105. Bit Descriptions for EN_LFIFO
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
0x00
RW
0
EN_LFIFO
Lane FIFO Enable. Once the entire configuration of the framer has been completed, and the
link is powered up, set this bit to start the lane FIFOs that manage the hand-off of data from
the framer to the transmitter PHY.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com