Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 90 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD6676 Datasheet HTML 82Page - Analog Devices AD6676 Datasheet HTML 83Page - Analog Devices AD6676 Datasheet HTML 84Page - Analog Devices AD6676 Datasheet HTML 85Page - Analog Devices AD6676 Datasheet HTML 86Page - Analog Devices AD6676 Datasheet HTML 87Page - Analog Devices AD6676 Datasheet HTML 88Page - Analog Devices AD6676 Datasheet HTML 89Page - Analog Devices AD6676 Datasheet HTML 90Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 90 of 90
OUTLINE DIMENSIONS
A
B
C
D
E
F
G
H
J
K
0.660
0.600
0.540
4.33
4.29
4.25
5.08
5.04
5.00
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.270
0.240
0.210
0.390
0.360
0.330
0.360
0.320
0.280
4.50 REF
3.50 REF
0.50
BALL PITCH
0.36
0.27
0.43
BALL A1
IDENTIFIER
1
2
3
4
5
6
7
8
COPLANARITY
0.05
SEATING
PLANE
Figure 151. 80-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-80-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD6676BCBZRL
−40°C to +85°C
80-Ball Wafer Level Chip Scale Package [WLCSP]
CB-80-5
AD6676EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2014–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12348-0-5/17(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com