Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 47 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD6676 Datasheet HTML 43Page - Analog Devices AD6676 Datasheet HTML 44Page - Analog Devices AD6676 Datasheet HTML 45Page - Analog Devices AD6676 Datasheet HTML 46Page - Analog Devices AD6676 Datasheet HTML 47Page - Analog Devices AD6676 Datasheet HTML 48Page - Analog Devices AD6676 Datasheet HTML 49Page - Analog Devices AD6676 Datasheet HTML 50Page - Analog Devices AD6676 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 47 of 90
FUNCTIONAL OVERVIEW
The flowchart in Figure 120 shows the flow of data through the
JESD204B hardware from the sample input to the physical output.
The processing is divided into layers that are derived from the
OSI model widely used to describe the abstraction layers of
communications systems. These are the transport layer, the data
link layer, and the physical layer (serializer and output driver).
Transport Layer
The transport layer packs the data into JESD204B frames,
which are mapped to 8-bit octets that are sent to the data link
layer. The transport layer mapping is controlled by rules derived
from the link parameters. The AD6676 uses no tail bits in the
transport layer because the output of its IQ digital data path is
considered two virtual 16-bit converters.
Data Link Layer
The data link layer is responsible for the low level functions of
passing data across the link. These include optional data
scrambling, inserting control characters for lane alignment/
monitoring, and encoding 8-bit octets into 10-bit symbols. The
data link layer also sends the initial lane alignment sequence
(ILAS), which contains the link configuration data, and is used
by the receiver to verify the settings in the transport layer.
Physical Layer
The physical layer consists of the high speed circuitry clocked at
the serial clock rate. For the AD6676, the 16-bit I and Q data are
converted into one or two lanes of high speed differential serial data.
JESD204B LINK ESTABLISHMENT
The AD6676 JESD204B Tx interface operates in Subclass 0 or
Subclass 1 as defined in the JEDEC Standard No. 204B (July 2011)
specification. The link establishment process is divided into the
following steps: code group synchronization, ILAS, and user data.
Code Group Synchronization (CGS) and SYNCINB
Code group synchronization (CGS) is the process where the
JESD204B receiver finds the boundaries between the 10-bit
symbols in the stream of data. During the CGS phase, the
JESD204B transmit (JESD Tx) block transmits /K28.5/ characters.
The receiver must locate /K28.5/ characters in its input data
stream using clock and data recovery (CDR) techniques.
The receiver issues a synchronization request by asserting a low
signal on the SYNCINB± pins of the AD6676. The JESD Tx
begins to send /K/ characters. After the receiver has synchronized,
it then deasserts its SYNCINB signal, causing it to go high. The
AD6676 then transmits an ILAS on the following LMFC boundary.
For more information on the CGS phase, see the JEDEC
Standard No. 204B (July 2011), Section 5.3.3.1.
The SYNCINB± pin operation options are controllable via SPI
registers. Although the SYNCINB input is configured for a
CMOS logic level on its positive pin by default, it can also be
configured for a differential LVDS input signal on its positive/
negative pins via Register 0x1E7. The polarity of the SYNCINB
input signal can also be inverted via Register 0x1E4.
Initial Lane Alignment Sequence (ILAS)
The ILAS phase follows the CGS phase and begins on the next
LMFC boundary. The ILAS consists of four multiframes, with a
/R/ character marking the beginning and an /A/ character
marking the end. The ILAS begins by sending an /R/ character
followed by a data ramp starting with the value, 0, over four
multiframes. On the second multiframe, the link configuration
data is sent, starting with the third character. The second character
in the second multiframe is a /Q/ character to confirm that the
link configuration data follows. All undefined data slots are
filled with ramp data. The ILAS sequence is never scrambled.
The ILAS sequence construction is shown in Figure 121. The
four multiframes include the following:
Multiframe 1: Begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
Multiframe 2: Begins with an /R/ character followed by a
/Q/ (/K28.4/) character, followed by link configuration
parameters over 14 configuration octets (see Table 18), and
ends with an /A/ character. Many of the parameter values
are of the notation of n − 1.
Multiframe 3: Begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
Multiframe 4: Begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
User Data and Error Detection
After the ILAS is complete, the user data is sent. Normally, in a
frame all characters are user data. However, to monitor the
frame clock and multiframe clock synchronization, there is a
mechanism for replacing characters with /F/ or /A/ alignment
characters when the data meets certain conditions. These
conditions are different for unscrambled and scrambled data.
The scrambling operation is disabled by default, but may be
enabled via Register 0x1C3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com