Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 68 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD6676 Datasheet HTML 64Page - Analog Devices AD6676 Datasheet HTML 65Page - Analog Devices AD6676 Datasheet HTML 66Page - Analog Devices AD6676 Datasheet HTML 67Page - Analog Devices AD6676 Datasheet HTML 68Page - Analog Devices AD6676 Datasheet HTML 69Page - Analog Devices AD6676 Datasheet HTML 70Page - Analog Devices AD6676 Datasheet HTML 71Page - Analog Devices AD6676 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 68 of 90
REGISTER DETAILS
SPI Configuration Register
Address: 0x000, Reset: 0x18, Name: SPI_CONFIG
Table 33. Bit Descriptions for SPI_CONFIG
Bits
Bit Name
Description
Reset
Access
7
SW_RESET
Self-clearing bit causing software reset when set. Software reset returns all SPI registers to
default state.
0
RW
6
LSB_FIRST
When set, causes input and output data to be orientated as LSB first, per SPI standard.
0
4
SDIO_DIR
When set, causes SPI interface to be 4-wire with output data appearing on the SDO pin.
1
This register uses the first four bits to configure SPI interface/format thus Bit 0, Bit 1, and Bit 3 are mirror images of Bit 7, Bit 6, and Bit 4.
Device Configuration Register
Address: 0x002, Reset: 0x00, Name: DEVICE_CONFIG
Table 34. Bit Descriptions for DEVICE_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
0x0
RW
[1:0]
PD_MODE
Power-down/standby control
0x0
RW
00 = normal operation
01 = not used.
10 = standby mode
11 = sleep (power-down) mode
Chip Type Register
Address: 0x003, Reset: 0x03, Name: CHIP_TYPE
Table 35. Bit Descriptions for CHIP_TYPE
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIP_TYPE
Chip Type: High Speed ADC.
0x03
R
Chip ID 0 Register
Address: 0x004, Reset: 0xBB, Name: CHIP_ID0
Table 36. Bit Descriptions for CHIP_ID0
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIP_ID0
Chip ID Low Byte.
0xBB
R
Chip ID 1 Register
Address: 0x005, Reset: 0x00, Name: CHIP_ID1
Table 37. Bit Descriptions for CHIP_ID1
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIP_ID1
Chip ID High Byte.
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com