Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 75 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 75 Page - Analog Devices

Back Button AD6676 Datasheet HTML 71Page - Analog Devices AD6676 Datasheet HTML 72Page - Analog Devices AD6676 Datasheet HTML 73Page - Analog Devices AD6676 Datasheet HTML 74Page - Analog Devices AD6676 Datasheet HTML 75Page - Analog Devices AD6676 Datasheet HTML 76Page - Analog Devices AD6676 Datasheet HTML 77Page - Analog Devices AD6676 Datasheet HTML 78Page - Analog Devices AD6676 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 75 of 90
Attenuator AGC2 Pin Low Value Register
Address: 0x181, Reset: 0x0C, Name: ATTEN_VALUE_PIN0
Table 68. Bit Descriptions for ATTEN_VALUE_PIN1
Bits
Bit Name
Description
Reset
Access
[7:0]
ATTEN_VALUE_PIN0
Attenuation value to be used in ATTEN_MODE = 0 when the AGC2 pin is low.
Valid range is from 0 (minimum attenuation) to 27 (maximum attenuation).
Value 28 to Value 31 disable the attenuator. Default is 12 dB attenuation.
0x0C
RW
Attenuator AGC2 Pin High Value Register
Address: 0x182, Reset: 0x0C, Name: ATTEN_VALUE_PIN1
Table 69. Bit Descriptions for ATTEN_VALUE_PIN1
Bits
Bit Name
Description
Reset
Access
[7:0]
ATTEN_VALUE_PIN1
Attenuation value to be used in ATTEN_MODE = 0 when the AGC2 pin is high.
Valid range is from 0 (minimum attenuation) to 27 (maximum attenuation).
Value 28 to Value 31 disable the attenuator. Default is 12 dB attenuation.
0x0C
RW
Attenuator Initialization Register
Address: 0x183, Reset: 0x00, Name: ATTEN_INIT
Table 70. Bit Descriptions for ATTEN_INIT
Bits
Bit Name
Description
Reset
Access
[7:0]
ATTEN_INIT
Initialize the attenuator value when using ATTEN_MODE = 1.
0x00
RW
Attenuator Status Register
Address: 0x184, Reset: 0x0C, Name: ATTEN_CTL
Table 71. Bit Descriptions for ATTEN_CTL
Bits
Bit Name
Description
Reset
Access
7
ATT_PIN
Read back the state of the AGC2 pin.
0x0
R
[6:5]
RESERVED
0x0
RW
[4:0]
ATTEN_READ
Read back the actual attenuation value in ATTEN_MODE.
0x0C
R
ADC Reset Threshold Register
Address: 0x188, Reset: 0x05, Name: ADCRE_THRH
Table 72. Bit Descriptions for ADCRE_THRH
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
0x00
RW
[2:0]
ADCRE_THRH
ADC Reset Threshold. The ADC reset triggers if more than threshold out of
eight consecutive ADC samples have the full-scale value of ±8.
0x5
RW
ADC Reset Pulse Length Register
Address: 0x189, Reset: 0x01, Name: ADCRE_PULSE_LEN
Table 73. Bit Descriptions for ADCRE_PULSE_LEN
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
ADCRE_PULSE_LEN
The duration of the reset pulse to the ADC, (x + 1) × 8/FADC.
0x01
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com