Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 85 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD6676 Datasheet HTML 81Page - Analog Devices AD6676 Datasheet HTML 82Page - Analog Devices AD6676 Datasheet HTML 83Page - Analog Devices AD6676 Datasheet HTML 84Page - Analog Devices AD6676 Datasheet HTML 85Page - Analog Devices AD6676 Datasheet HTML 86Page - Analog Devices AD6676 Datasheet HTML 87Page - Analog Devices AD6676 Datasheet HTML 88Page - Analog Devices AD6676 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 85 of 90
PHY Control 0 Register
Address: 0x1EB, Reset: 0x1C, Name: SER1
Table 116. Bit Descriptions for SER1
Bits
Bit Name
Description
Reset
Access
7
SER_DRV_PS
Serializer Polarity Selection.
0x0
RW
0 = Polarity not inverted.
1 = Polarity inverted.
[6:0]
RESERVED
0x1C
RW
PHY Control 1 Register
Address: 0x1EC, Reset: 0x00, Name: SER2
Table 117. Bit Descriptions for SER1
Bits
Bit Name
Description
Reset
Access
[7:4]
SER_ITRIM
Driver bias current trim with recommended setting of 0x0B.
0x9
RW
[3:0]
SER_RTRIM
Resistor termination code with recommended setting of 0x0D.
0xB
RW
PHY Control 3 Register
Address: 0x1EF, Reset: 0x00, Name: PRE-EMPHASIS
Table 118. Bit Descriptions for PRE-EMPHASIS
Bits
Bit Name
Description
Reset
Access
7
SER_EMP_PS1
Toggle Polarity of Lane 1 Emphasis.
0x0
RW
[6:4]
SER_EMP_IDAC1
Lane 1 IDAC Setting.
0x0
RW
00: 0 mV emphasis differential p-p.
01: 160 mV emphasis differential p-p.
10: 80 mV emphasis differential p-p.
11: 40 mV emphasis differential p-p.
3
SER_EMP_PS0
Toggle polarity of Lane 0 emphasis.
0x0
RW
[2:0]
SER_EMP_IDAC0
Lane 0 IDAC Setting.
0x0
RW
00: 0 mV emphasis differential p-p.
01: 160 mV emphasis differential p-p.
10: 80 mV emphasis differential p-p.
11: 40 mV emphasis differential p-p.
ADC Standby 0 Register
Address: 0x250, Reset: 0xFF, Name: STBY_DAC
Table 119. Bit Descriptions for STBY_DAC
Bits
Bit Name
Description
Reset
Access
[7:0]
STBY_DAC
Setting register to 0x95 results in faster standby ADC recovery time.
0xFF
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com