Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 50 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD6676 Datasheet HTML 46Page - Analog Devices AD6676 Datasheet HTML 47Page - Analog Devices AD6676 Datasheet HTML 48Page - Analog Devices AD6676 Datasheet HTML 49Page - Analog Devices AD6676 Datasheet HTML 50Page - Analog Devices AD6676 Datasheet HTML 51Page - Analog Devices AD6676 Datasheet HTML 52Page - Analog Devices AD6676 Datasheet HTML 53Page - Analog Devices AD6676 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 50 of 90
Preemphasis
Preemphasis enables the receiver eye diagram mask to be met in
conditions where the interconnect insertion loss does not meet
the JESD204B specification. The preemphasis feature is controlled
via Register 0x1EF and must be used only when the receiver
cannot recover the clock due to excessive insertion loss. Under
normal conditions, it is disabled to conserve power. Additionally,
enabling and setting too high a deemphasis value on a short link
may cause the receiver eye diagram to fail or lead to potential
EMI issues. For these reasons, consider the use of preemphasis
only in instances where meeting the receiver eye diagram mask
is a challenge. See the Register Memory Map section for details.
Serializer PLL
This PLL generates the serializer clock that is equal to the
JESD204B lane rate. The on-chip controller automatically
configures the PLL parameters based on the user specified IQ
data rate (FADC/M) and number of lanes. The status of the PLL
lock can be checked via the PLL_LCK status bit in Register 0x2DC.
This read only bit lets the user know if the PLL has achieved a
lock for the specific setup.
CONFIGURING THE JESD204B LINK
The AD6676 has one JESD204B link. The serial outputs
(SERDOUT0± and SERDOUT1±) are part of one JESD204B
link. The basic parameters that determine the link setup are:
L is the number of lanes per link
M is the number of converters per link
F is the number of octets per frame
The maximum and minimum specified lane rates for the
AD6676 are 5.333 Gbps and 3.072 Gbps, respectively. For this
reason, the AD6676 supports a single lane interface for IQ data
rates (fDATA_IQ) from 76.8 MSPS to 133.3 MSPS and a two lane
interface from 153.6 MSPS to 266.7 MSPS.
The lane line rate is related to the JESD204B parameters using
the following equation:
L
F
Rate
Line
Lane
DATA_IQ
 40
(14)
where:
DEC
F
F
ADC
DATA_IQ
The decimation ratio (DEC) is the parameter programmed into
Register 0x140.
Table 19 shows the JESD204B output configurations supported
based on fDATA_IQ.
Table 19. JESD204B Output Configurations
No. Virtual Converters
Supported (same as M)
fDATA_IQ (MSPS)
JESD Serial Line Rate
L
M
F
S
HD
N
N'
K
2
76.8 to 133.3
40 × fDATA_IQ
1
2
4
1
0
16
16
For F = 4, K ≥ 5
153.6 to 266.7
20 × fDATA_IQ
2
2
2
1
0
16
16
For F = 2, K ≥ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com