Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 84 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 84 Page - Analog Devices

Back Button AD6676 Datasheet HTML 80Page - Analog Devices AD6676 Datasheet HTML 81Page - Analog Devices AD6676 Datasheet HTML 82Page - Analog Devices AD6676 Datasheet HTML 83Page - Analog Devices AD6676 Datasheet HTML 84Page - Analog Devices AD6676 Datasheet HTML 85Page - Analog Devices AD6676 Datasheet HTML 86Page - Analog Devices AD6676 Datasheet HTML 87Page - Analog Devices AD6676 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 84 of 90
SYNCINB and SYSREF Control Register
Address: 0x1E7, Reset: 0x00, Name: SYNCINB_CTRL
Table 112. Bit Descriptions for SYNCB_CTRL
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
3
PD_SYSREF_RX
Power down SYSREF receiver.
0x0
RW
2
LVDS_SYNCINB
Use LVDS for SYNCINB. (0 = CMOS, 1 = LVDS differential with 100 Ω termination).
0x0
RW
[1:0]
RESERVED
0x0
RW
Clock Synchronization Register
Address: 0x1E8, Reset: 0x00, Name: MIX_CTRL
Table 113. Bit Descriptions for MIX_CTRL
Bits
Bit Name
Description
Reset
Access
7
RESERVED
0x0
RW
6
MIX_USE_2ND
When used in conjunction with Bit 5, setting this bit causes the second SYSREF that
is used to align the clocks to also be used to reset the mixer NCO phases. This bit
does not self-clear. This bit is only active when Bit 2 is also active.
0x0
RW
5
MIX_NEXT
Once set, only the next SYSREF pulse that is used to align the clock dividers is also
used to reset the mixers NCO phases. This bit self clears after use. This bit is only
active when Bit 1 is also active.
0x0
RWAC
4
MIX_ALL
Any SYSREF that is used to align the clocks is also used to reset the mixers' NCO
phases. This bit is only active when Bit 0 is also active.
0x0
RW
3
RESERVED
0x0
RW
2
USE_2ND_SYSREF
When used in conjunction with Bit 1, setting this bit causes the second SYSREF to be
used for alignment rather than the first. This bit does not self clear.
0x0
RW
1
NEXT_SYSREF
Once set, only the next SYSREF pulse is used to align the clock dividers. This bit self-
clears after the next SYSREF.
0x0
RWAC
0
ALL_SYSREF
All SYSREF pulses are used to align the clock dividers.
0x0
RW
LMFC Offset Register
Address: 0x1E9, Reset: 0x00, Name: K_OFFSET
Table 114. Bit Descriptions for K_OFFSET
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
0x0
RW
[4:0]
K_OFFSET
This register provides an offset that moves the position of the internal LMFC
with respect to SYSREF. A larger value places the LMFC later in time. In units of
frame periods.
0x00
RW
SYSREF Window Register
Address: 0x1EA, Reset: 0x00, Name: SYSREF
Table 115. Bit Descriptions for SYSREF
Bits
Bit Name
Description
Reset
Access
[7:4]
SYSREF_WIN_NEG
SYSREF_WIN_NEG. Do not align clocks if SYSREF is no earlier than register
value before its expected position. In units of 2/FADC.
0x0
RW
[3:0]
SYSREF_WIN_POS
SYSREF_WIN_POS. Do not align clocks if SYSREF is no later than register
value after its expected position. In units of 2/FADC.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com