Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 59 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD6676 Datasheet HTML 55Page - Analog Devices AD6676 Datasheet HTML 56Page - Analog Devices AD6676 Datasheet HTML 57Page - Analog Devices AD6676 Datasheet HTML 58Page - Analog Devices AD6676 Datasheet HTML 59Page - Analog Devices AD6676 Datasheet HTML 60Page - Analog Devices AD6676 Datasheet HTML 61Page - Analog Devices AD6676 Datasheet HTML 62Page - Analog Devices AD6676 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 59 of 90
POWERING THE AD6676
The AD6676 requires the following analog and digital power
supplies with no restrictions on the power supply sequencing order:
An analog 2.5 V and 1.1 V supply
A digital 1.1 V and digital input/output supply of 1.8 V to 2.5 V
The current consumption from the different analog and digital
supply domains does not vary much over the specified 2.0 GHz
to 3.2 GHz ADC clock rate range nor the digital decimation factor
and number of JESD204B lanes used. Table 24 shows the
dependency of a typical device as these settings are modified with
the IF and BW remaining fixed at 250 MHz and 75 MHz,
respectively.
Figure 142 shows the recommended method used on the
AD6676EBZ where a universal 3.3 V supply is available. Note
that various analog and digital supply domains within the
AD6676 are grouped together to reduce the external LDO
requirements. A high efficiency step-down regulator, such as
the ADP2164, is used to generate a 1.6 V output that drives
separate low drop-out LDOs for the analog VDD1 and digital
VDDD supplies.
ADP2164
ADP1752-2.5
ADP1752-1.8
ADP1752-1.1
VDDD, VDDHSI
VDD2, VDD2NV
VDDIO
ADP1752-1.1
VDD1, VDDL, VDDC, VDDQ
1.6V
3.3V
Figure 142. Low Noise Power Solution for the AD6676
Separate LDOs for the 1.1 V analog and digital supplies provide
greater isolation between these critical supply domains as well
as reduce the IR drops across ferrite beads that provide further
isolation. High quality LDOs that exhibit better PSSR characteristics
at the switching regulators operating frequency are preferable.
Note that the digital VDDIO supply of the AD6676 is only used
for the CMOS SPI and AGCx input/output pins thus it can be
tied to the same supply domain used by the host that is connected
to these pins. Alternatively, the ADP223 dual output LDO can
be used instead of the ADP1752-2.5 and ADP1752-1.8.
On the analog 1.1 V supply, amplitude modulation can result in
phase modulation via the clock supplies of the AD6676 (VDDC,
VDDQ).
Table 24. Current Consumption Variation as FADC Is Varied from 3.2 GHz to 2.0 GHz
Supply Current
Conditions
fCLK
Unit
3.2 GHz
2.8 GHz
2.4 GHz
2.0 GHz
IVDD1+ IVDDL
Not applicable
371
364
357
351
mA
IVDDC + IVDDQ
Not applicable
60
59
56
52
mA
IVDD2 + IVDD2NV
Not applicable
143
140
139
139
mA
IVDDD
Decimate by 16
152
144
131
100
mA
Decimate by 32
155
150
135
106
mA
IVDDHSI
Two lane
168
168
168
158
mA
One lane
166
167
167
161
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com