Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 70 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD6676 Datasheet HTML 66Page - Analog Devices AD6676 Datasheet HTML 67Page - Analog Devices AD6676 Datasheet HTML 68Page - Analog Devices AD6676 Datasheet HTML 69Page - Analog Devices AD6676 Datasheet HTML 70Page - Analog Devices AD6676 Datasheet HTML 71Page - Analog Devices AD6676 Datasheet HTML 72Page - Analog Devices AD6676 Datasheet HTML 73Page - Analog Devices AD6676 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 70 of 90
BW LSB Register 0
Address: 0x104, Reset: 0x3C, Name: BW_0
Table 45. Bit Descriptions for BW_0
Bits
Bit Name
Description
Reset
Access
[7:0]
BW_0
Lower 8-bits of 16-bit value that defines the target BW frequency to 1 MHz resolution. For
example, the BW_1 and BW_0 settings for a 60 MHz BW would be 0x00 and 0x3C, respectively.
0x3C
RW
BW MSB Register 1
Address: 0x105, Reset: 0x00, Name: BW_1
Table 46. Bit Descriptions for BW_1
Bits
Bit Name
Description
Reset
Access
[7:0]
BW_1
Upper 8-bits of 16-bit value that defines the target BW frequency to 1 MHz
resolution. This register should be kept to 0x00 default setting because
maximum BW should be no greater than 160 MHz.
0x00
RW
External Inductance Value Register
Address: 0x106, Reset: 0x14, Name: LEXT
Table 47. Bit Descriptions for LEXT
Bits
Bit Name
Description
Reset
Access
[7:0]
LEXT
External inductance in nH. Enter the external inductance value for the LC tank
resonator. The default value of 0x14 corresponds to 20 nH
0x14
RW
Bandwidth Margin (Low End) Register
Address: 0x107, Reset: 0x05, Name: MRGN_L
Table 48. Bit Descriptions for MRGN_L
Bits
Bit Name
Description
Reset
Access
[7:0]
MRGN_L
An 8-bit register defining the offset frequency (to 1 MHz resolution) to which the
frequency of the lower resonator is offset from its theoretical ideal value. The default
setting is 5 MHz. Increasing the value lowers the actual resonator frequency.
0x05
RW
Bandwidth Margin (Upper End) Register
Address: 0x108, Reset: 0x05, Name: MRGN_U
Table 49. Bit Descriptions for MRGN_U
Bits
Bit Name
Description
Reset
Access
[7:0]
MRGN_U
An 8-bit register defining the offset frequency (to 1 MHz resolution) to which the frequency of the
upper resonator is offset from its theoretical ideal value. The default setting is 5 MHz. Increasing
the value increases the actual resonator frequency.
0x05
RW
Bandwidth Margin (IF) Register
Address: 0x109, Reset: 0x00, Name: MRGN_IF
Table 50. Bit Descriptions for MRGN_IF
Bits
Bit Name
Description
Reset
Access
[7:0]
MRGN_IF
An 8-bit register defining the offset frequency (to 1 MHz resolution) to which the frequency of the
LC resonator is offset from its theoretical ideal value. The default setting is 0 MHz. Increasing the
value increases the actual resonator frequency.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com