Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7356 Datasheet HTML 2Page - Analog Devices AD7356 Datasheet HTML 3Page - Analog Devices AD7356 Datasheet HTML 4Page - Analog Devices AD7356 Datasheet HTML 5Page - Analog Devices AD7356 Datasheet HTML 6Page - Analog Devices AD7356 Datasheet HTML 7Page - Analog Devices AD7356 Datasheet HTML 8Page - Analog Devices AD7356 Datasheet HTML 9Page - Analog Devices AD7356 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet
AD7356
Rev. B | Page 5 of 20
TIMING SPECIFICATIONS
VDD = 2.5 V ± 10%, VDRIVE = 2.25 V to 3.6 V, internal reference = 2.048 V, TA = TMAX to TMIN1, unless otherwise noted.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
50
kHz min
80
MHz max
tCONVERT
t2 + 13 × tSCLK
ns max
tSCLK = 1/fSCLK
tQUIET
5
ns min
Minimum time between end of serial read and next falling edge of CS
t2
5
ns min
CS to SCLK setup time
t3 2
6
ns max
Delay from CS until SDATAA and SDATAB are three-state disabled
t42, 3
Data access time after SCLK falling edge
12.5
ns max
1.8 V ≤ VDRIVE < 2.25 V
11
ns max
2.25 V ≤ VDRIVE < 2.75 V
9.5
ns max
2.75 V ≤ VDRIVE < 3.3 V
9
ns max
3.3 V ≤ VDRIVE ≤ 3.6 V
t5
5
ns min
SCLK low pulse width
t6
5
ns min
SCLK high pulse width
t72
3.5
ns min
SCLK to data valid hold time
t82
9.5
ns max
CS rising edge to SDATAA, SDATAB high impedance
t9
5
ns min
CS rising edge to falling edge pulse width
t102
4.5
ns min
SCLK falling edge to SDATAA, SDATAB high impedance
9.5
ns max
SCLK falling edge to SDATAA, SDATAB high impedance
1
Temperature ranges are as follows: Y Grade: −40°C to +125°C; B Grade: −40°C to +85°C.
2
Specified with a load capacitance of 10 pF on SDATAA and SDATAB.
3
The time required for the output to cross 0.4 V or 2.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com