Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7356 Datasheet HTML 13Page - Analog Devices AD7356 Datasheet HTML 14Page - Analog Devices AD7356 Datasheet HTML 15Page - Analog Devices AD7356 Datasheet HTML 16Page - Analog Devices AD7356 Datasheet HTML 17Page - Analog Devices AD7356 Datasheet HTML 18Page - Analog Devices AD7356 Datasheet HTML 19Page - Analog Devices AD7356 Datasheet HTML 20Page - Analog Devices AD7356 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Data Sheet
AD7356
Rev. B | Page 17 of 20
POWER-UP TIMES
The AD7356 has two power-down modes: partial power-down
and full power-down, which are described in detail in the Normal
Mode, Partial Power-Down Mode, and Full Power-Down Mode
sections. This section deals with the power-up time required when
coming out of any of these modes. Note that the recommended
decoupling capacitors must be in place on the REFA and REFB
pins for the power-up times to apply.
To power up from partial power-down mode, one dummy cycle
is required. The device is fully powered up after approximately
200 ns have elapsed from the falling edge of CS. When the
partial power-up time has elapsed, the ADC is fully powered
up, and the input signal is acquired properly. The quiet time,
tQUIET, must still be allowed from the point where the bus goes
back into three-state after the dummy conversion to the next
falling edge of CS.
To power up from full power-down mode, approximately 6 ms
should be allowed from the falling edge of CS, shown in Figure 28
as tPOWER-UP2.
Note that during power-up from partial power-down mode, the
track-and-hold, which is in hold mode while the part is powered
down, returns to track mode after the first SCLK edge that the
part receives after the falling edge of CS.
When power supplies are first applied to the AD7356, the ADC
can power up in either of the power-down modes or in normal
mode. Because of this, it is best to allow a dummy cycle to elapse to
ensure that the part is fully powered up before attempting a valid
conversion. Likewise, if the part is to be kept in partial power-down
mode immediately after the supplies are applied, then two dummy
cycles must be initiated. The first dummy cycle must hold CS low
until after the 10th SCLK falling edge; in the second cycle, CS must
be brought high between the second and 10th SCLK falling edges
(see Figure 25).
Alternatively, if the part is to be placed into full power-down
mode when the supplies are applied, three dummy cycles must
be initiated. The first dummy cycle must hold CS low until after
the 10th SCLK falling edge; the second and third dummy cycles
place the part into full power-down mode (see Figure 27 and
the Modes of Operation section).
POWER vs. THROUGHPUT RATE
The power consumption of the AD7356 varies with the throughput
rate. When using very slow throughput rates and as fast an
SCLK frequency as possible, the various power-down options
can be used to make significant power savings. However, the
AD7356 quiescent current is low enough that even without
using the power-down options, there is a noticeable variation in
power consumption with sampling rate. This is true whether a
fixed SCLK value is used or it is scaled with the sampling rate.
Figure 29 shows a plot of power vs. throughput rate when operating
in normal mode for a fixed maximum SCLK frequency and a
SCLK frequency that scales with the sampling rate. The internal
reference was used for Figure 29.
10
14
18
22
26
30
34
38
0
1000
2000
5000
3000
4000
THROUGHPUT (kSPS)
80MHz SCLK
VARIABLE SCLK
Figure 29. Power vs. Throughput Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com