Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7356 Datasheet HTML 10Page - Analog Devices AD7356 Datasheet HTML 11Page - Analog Devices AD7356 Datasheet HTML 12Page - Analog Devices AD7356 Datasheet HTML 13Page - Analog Devices AD7356 Datasheet HTML 14Page - Analog Devices AD7356 Datasheet HTML 15Page - Analog Devices AD7356 Datasheet HTML 16Page - Analog Devices AD7356 Datasheet HTML 17Page - Analog Devices AD7356 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
AD7356
Rev. B | Page 13 of 20
For ac applications, removing high frequency components from
the analog input signal is recommended by the use of an RC
low-pass filter on the analog input pins. In applications where
harmonic distortion and signal-to-noise ratio are critical, the
analog input should be driven from a low impedance source.
Large source impedances significantly affect the ac performance
of the ADC and may necessitate the use of an input buffer amplifier.
The choice of the op amp is a function of the particular application.
When no amplifier is used to drive the analog input, limit the
source impedance to low values. The maximum source impedance
depends on the amount of THD that can be tolerated. THD
increases as the source impedance increases and performance
degrades. Figure 17 shows a graph of the THD vs. the analog
input signal frequency for different source impedances.
–87
–85
–83
–81
–79
–77
–75
–73
–71
–69
–67
–65
100
200
1000
1500
2000
2500
FREQUENCY (kHz)
100Ω
50Ω
33Ω
10Ω
Figure 17. THD vs. Analog Input Signal Frequency for Various Source
Impedances
Figure 18 shows a graph of the THD vs. the analog input
frequency while sampling at 5 MSPS. In this case, the source
impedance is 33 Ω.
–90
–86
–82
–78
–74
–70
–66
0
1000 2000 3000 4000 5000 6000 7000 8000 9000 10000
ANALOG INPUT FREQUENCY (kHz)
Figure 18. THD vs. Analog Input Frequency
ANALOG INPUTS
Differential signals have some benefits over single-ended
signals, including noise immunity based on the devices common-
mode rejection and improvements in distortion performance.
Figure 19 defines the fully differential input of the AD7356.
VIN+
AD7356*
VIN–
VREF p-p
VREF p-p
*ADDITIONAL PINS OMITTED FOR CLARITY.
COMMON-MODE
VOLTAGE
Figure 19. Differential Input Definition
The amplitude of the differential signal is the difference between
the signals applied to the VIN+ and VIN− pins in each differential
pair (VIN+ − VIN−). VIN+ and VIN− should be simultaneously driven
by two signals each of amplitude (VREF) that are 180° out of phase.
This amplitude of the differential signal is, therefore, −VREF to
+VREF peak-to-peak regardless of the common mode (CM).
CM is the average of the two signals and is, therefore, the
voltage on which the two inputs are centered.
CM = (VIN+ + VIN−)/2
This results in the span of each input being CM ± VREF/2. This
voltage has to be set up externally. When setting up the CM,
ensure that VIN+ and VIN− remain within GND/VDD. When a
conversion takes place, CM is rejected, resulting in a virtually
noise-free signal of amplitude, –VREF to +VREF, corresponding
to the digital codes of 0 to 4095 for the AD7356.
DRIVING DIFFERENTIAL INPUTS
Differential operation requires VIN+ and VIN− to be driven
simultaneously with two equal signals that are 180° out of phase.
Because not all applications have a signal preconditioned for
differential operation, there is often a need to perform a single-
ended-to-differential conversion.
Differential Amplifier
An ideal method of applying differential drive to the AD7356 is
to use a differential amplifier such as the AD8138. This device
can be used as a single-ended-to-differential amplifier or as a
differential-to-differential amplifier. The AD8138 also provides
common-mode level shifting. Figure 20 shows how the AD8138
can be used as a single-ended-to-differential amplifier. The
positive and negative outputs of the AD8138 are connected to
the respective inputs on the ADC via a pair of series resistors to
minimize the effects of switched capacitance on the front end of
the ADC. The architecture of the AD8138 results in outputs
that are very highly balanced over a wide frequency range
without requiring tightly matched external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com