Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7356 Datasheet HTML 5Page - Analog Devices AD7356 Datasheet HTML 6Page - Analog Devices AD7356 Datasheet HTML 7Page - Analog Devices AD7356 Datasheet HTML 8Page - Analog Devices AD7356 Datasheet HTML 9Page - Analog Devices AD7356 Datasheet HTML 10Page - Analog Devices AD7356 Datasheet HTML 11Page - Analog Devices AD7356 Datasheet HTML 12Page - Analog Devices AD7356 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AD7356
Data Sheet
Rev. B | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
–80
–60
–40
–20
–100
–120
0
250
500
750 1000 1250 1500 1750 2000 2249 2499
FREQUENCY (kHz)
16,384 POINT FFT
fSAMPLE = 5MSPS
fIN = 1MHz
SNR = 71.8dB
SINAD = 71.6dB
THD = –83.5dB
Figure 3. Typical FFT
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
Figure 4. Typical DNL Error
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
Figure 5. Typical INL Error
10,000
20,000
30,000
40,000
50,000
60,000
0
2044
2045
2046
2047
2048
2049
2050
CODE
93 HITS
20 HITS
Figure 6. Histogram of Codes for 65,000 Samples
ANALOG INPUT FREQUENCY (kHz)
0
65
66
67
68
69
70
71
72
73
1000
2000
3000
4000
5000
Figure 7. SNR vs. Analog Input Frequency
SUPPLY RIPPLE FREQUENCY (MHz)
0
–90
–85
–80
–75
–70
–65
–60
5
101520
25
Figure 8. PSRR vs. Supply Ripple Frequency with No Supply Decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com